Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 127 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 127 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 123Page - Texas Instruments AM3359 Datasheet HTML 124Page - Texas Instruments AM3359 Datasheet HTML 125Page - Texas Instruments AM3359 Datasheet HTML 126Page - Texas Instruments AM3359 Datasheet HTML 127Page - Texas Instruments AM3359 Datasheet HTML 128Page - Texas Instruments AM3359 Datasheet HTML 129Page - Texas Instruments AM3359 Datasheet HTML 130Page - Texas Instruments AM3359 Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 256 page
background image
127
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2020, Texas Instruments Incorporated
Table 7-24. GPMC and NOR Flash Switching Characteristics—Synchronous Mode(2)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
F0
1 / tc(clk)
Frequency(18), output clock gpmc_clk
100
50
MHz
F1
tw(clkH)
Typical pulse duration, output clock gpmc_clk high
0.5P(15)
0.5P(15)
0.5P(15)
0.5P(15)
ns
F1
tw(clkL)
Typical pulse duration, output clock gpmc_clk low
0.5P(15)
0.5P(15)
0.5P(15)
0.5P(15)
ns
tdc(clk)
Duty cycle error, output clock gpmc_clk
–500
500
–500
500
ps
tJ(clk)
Jitter standard deviation(19), output clock gpmc_clk
33.33
33.33
ps
F2
td(clkH-csnV)
Delay time, output clock gpmc_clk rising edge to
output chip select gpmc_csn[x](14) transition
F(6) - 2.2
F(6) + 4.5
F(6) - 3.2
F(6) + 9.5
ns
F3
td(clkH-csnIV)
Delay time, output clock gpmc_clk rising edge to
output chip select gpmc_csn[x](14) invalid
E(5) – 2.2
E(5) + 4.5
E(5) – 3.2
E(5) + 9.5
ns
F4
td(aV-clk)
Delay time, output address gpmc_a[27:1] valid to
output clock gpmc_clk first edge
B(2) – 4.5
B(2) + 2.3
B(2) – 5.5
B(2) + 12.3
ns
F5
td(clkH-aIV)
Delay time, output clock gpmc_clk rising edge to
output address gpmc_a[27:1] invalid
–2.3
4.5
–3.3
14.5
ns
F6
td(be[x]nV-clk)
Delay time, output lower byte enable and command
latch enable gpmc_be0n_cle, output upper byte
enable gpmc_be1n valid to output clock gpmc_clk
first edge
B(2) – 1.9
B(2) + 2.3
B(2) – 2.9
B(2) + 12.3
ns
F7
td(clkH-be[x]nIV)
Delay time, output clock gpmc_clk rising edge to
output lower byte enable and command latch enable
gpmc_be0n_cle, output upper byte enable
gpmc_be1n invalid(11)
D(4) – 2.3
D(4) + 1.9
D(4) – 3.3
D(4) + 6.9
ns
F7
td(clkL-be[x]nIV)
Delay time, gpmc_clk falling edge to
gpmc_nbe0_cle, gpmc_nbe1 invalid(12)
D(4) – 2.3
D(4) + 1.9
D(4) – 3.3
D(4) + 6.9
ns
F7
td(clkL-be[x]nIV)
Delay time, gpmc_clk falling edge to
gpmc_nbe0_cle, gpmc_nbe1 invalid(13)
D(4) – 2.3
D(4) + 1.9
D(4) – 3.3
D(4) + 11.9
ns
F8
td(clkH-advn)
Delay time, output clock gpmc_clk rising edge to
output address valid and address latch enable
gpmc_advn_ale transition
G(7) – 2.3
G(7) + 4.5
G(7) – 3.3
G(7) + 9.5
ns
F9
td(clkH-advnIV)
Delay time, output clock gpmc_clk rising edge to
output address valid and address latch enable
gpmc_advn_ale invalid
D(4) – 2.3
D(4) + 3.5
D(4) – 3.3
D(4) + 9.5
ns
F10
td(clkH-oen)
Delay time, output clock gpmc_clk rising edge to
output enable gpmc_oen transition
H(8) – 2.3
H(8) + 3.5
H(8) – 3.3
H(8) + 8.5
ns
F11
td(clkH-oenIV)
Delay time, output clock gpmc_clk rising edge to
output enable gpmc_oen invalid
H(8) – 2.3
H(8) + 3.5
H(8) – 3.3
H(8) + 8.5
ns
F14
td(clkH-wen)
Delay time, output clock gpmc_clk rising edge to
output write enable gpmc_wen transition
I(9) – 2.3
I(9) + 4.5
I(9) – 3.3
I(9) + 9.5
ns
F15
td(clkH-do)
Delay time, output clock gpmc_clk rising edge to
output data gpmc_ad[15:0] transition(11)
J(10) – 2.3
J(10) + 1.9
J(10) – 3.3
J(10) + 6.9
ns
F15
td(clkL-do)
Delay time, gpmc_clk falling edge to gpmc_ad[15:0]
data bus transition(12)
J(10) – 2.3
J(10) + 1.9
J(10) – 3.3
J(10) + 6.9
ns
F15
td(clkL-do)
Delay time, gpmc_clk falling edge to gpmc_ad[15:0]
data bus transition(13)
J(10) – 2.3
J(10) + 1.9
J(10) – 3.3
J(10) + 11.9
ns
F17
td(clkH-be[x]n)
Delay time, output clock gpmc_clk rising edge to
output lower byte enable and command latch enable
gpmc_be0n_cle transition(11)
J(10) – 2.3
J(10) + 1.9
J(10) – 3.3
J(10) + 6.9
ns
F17
td(clkL-be[x]n)
Delay time, gpmc_clk falling edge to
gpmc_nbe0_cle, gpmc_nbe1 transition(12)
J(10) – 2.3
J(10) + 1.9
J(10) – 3.3
J(10) + 6.9
ns
F17
td(clkL-be[x]n)
Delay time, gpmc_clk falling edge to
gpmc_nbe0_cle, gpmc_nbe1 transition(13)
J(10) – 2.3
J(10) + 1.9
J(10) – 3.3
J(10) + 11.9
ns
F18
tw(csnV)
Pulse duration, output chip select
gpmc_csn[x](14) low
Read
A(1)
A(1)
ns
Write
A(1)
A(1)
ns
F19
tw(be[x]nV)
Pulse duration, output lower byte enable
and command latch enable
gpmc_be0n_cle, output upper byte enable
gpmc_be1n low
Read
C(3)
C(3)
ns
Write
C(3)
C(3)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com