Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 42Page - Renesas Technology Corp H838024 Datasheet HTML 43Page - Renesas Technology Corp H838024 Datasheet HTML 44Page - Renesas Technology Corp H838024 Datasheet HTML 45Page - Renesas Technology Corp H838024 Datasheet HTML 46Page - Renesas Technology Corp H838024 Datasheet HTML 47Page - Renesas Technology Corp H838024 Datasheet HTML 48Page - Renesas Technology Corp H838024 Datasheet HTML 49Page - Renesas Technology Corp H838024 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 697 page
background image
Section 1 Overview
Rev. 7.00 Mar 10, 2005 page 4 of 652
REJ09B0042-0700
Item
Specification
Timers
Six on-chip timers
• Timer A: 8-bit timer
Count-up timer with selection of eight internal clock signals divided from the
system clock (
φ)* and four clock signals divided from the watch clock (φ
w)*
• Asynchronous event counter: 16-bit timer
 Count-up timer able to count asynchronous external events
independently of the MCU's internal clocks
Asynchronous external events can be counted (both rising and falling edge
detection possible)
• Timer C: 8-bit timer
 Count-up/down timer with selection of seven internal clock signals or
event input from external pin
 Auto-reloading
• Timer F: 16-bit timer
 Can be used as two independent 8-bit timers
 Count-up timer with selection of four internal clock signals or event input
from external pin
 Provision for toggle output by means of compare-match function
• Timer G: 8-bit timer
 Count-up timer with selection of four internal clock signals
 Incorporates input capture function (built-in noise canceler)
• Watchdog timer
 Reset signal generated by overflow of 8-bit counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com