Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 44Page - Renesas Technology Corp H838024 Datasheet HTML 45Page - Renesas Technology Corp H838024 Datasheet HTML 46Page - Renesas Technology Corp H838024 Datasheet HTML 47Page - Renesas Technology Corp H838024 Datasheet HTML 48Page - Renesas Technology Corp H838024 Datasheet HTML 49Page - Renesas Technology Corp H838024 Datasheet HTML 50Page - Renesas Technology Corp H838024 Datasheet HTML 51Page - Renesas Technology Corp H838024 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 697 page
background image
Section 1 Overview
Rev. 7.00 Mar 10, 2005 page 6 of 652
REJ09B0042-0700
Item
Specification
Product Code
Mask ROM Version
ZTAT Version
F-ZTAT Version
Package
ROM/RAM Size
(Byte)
Product lineup
HD64338024
HD64738024
HD64F38024R
HD64F38024
FP-80A
FP-80B
TFP-80C
TLP-85V (HD64F38024R only)
Die (mask ROM/F-ZTAT version
only)
32K/1K
HD64338023
—
—
FP-80A
FP-80B
TFP-80C
Die
24K/1K
HD64338022
—
—
FP-80A
FP-80B
TFP-80C
Die
16K/1K
HD64338021
—
—
FP-80A
FP-80B
TFP-80C
Die
12K/512
HD64338020
—
—
FP-80A
FP-80B
TFP-80C
Die
8K/512
HD64338024S
—
—
FP-80A
TFP-80C
TLP-85V
Die
32K/1K
HD64338023S
—
—
FP-80A
TFP-80C
TLP-85V
Die
24K/1K
HD64338022S
—
—
FP-80A
TFP-80C
TLP-85V
Die
16K/1K
HD64338021S
—
—
FP-80A
TFP-80C
TLP-85V
Die
12K/512
HD64338020S
—
—
FP-80A
TFP-80C
TLP-85V
Die
8K/512
HD64338124
—
HD64F38124
FP-80A
TFP-80C
32K/1K
HD64338123
—
—
FP-80A
TFP-80C
24K/1K
HD64338122
—
HD64F38122
FP-80A
TFP-80C
16K/1K
HD64338121
—
—
FP-80A
TFP-80C
12K/512
HD64338120
—
—
FP-80A
TFP-80C
8K/512
Refer to appendix E for information on product model numbers.
Note: * See section 4, Clock Pulse Generators, for the definition of
φ and φ
w.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com