Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 96Page - Renesas Technology Corp H838024 Datasheet HTML 97Page - Renesas Technology Corp H838024 Datasheet HTML 98Page - Renesas Technology Corp H838024 Datasheet HTML 99Page - Renesas Technology Corp H838024 Datasheet HTML 100Page - Renesas Technology Corp H838024 Datasheet HTML 101Page - Renesas Technology Corp H838024 Datasheet HTML 102Page - Renesas Technology Corp H838024 Datasheet HTML 103Page - Renesas Technology Corp H838024 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 697 page
background image
Section 2 CPU
Rev. 7.00 Mar 10, 2005 page 58 of 652
REJ09B0042-0700
CPU state
Reset state
Program
execution state
Program halt state
Exception-
handling state
Active
(high speed) mode
Active
(medium speed) mode
Subactive mode
Sleep (high-speed)
mode
Standby mode
Watch mode
Subsleep mode
Low-power
modes
The CPU executes successive program
instructions at high speed,
synchronized by the system clock
The CPU executes successive
program instructions at
reduced speed, synchronized
by the system clock
The CPU executes
successive program
instructions at reduced
speed, synchronized
by the subclock
A state in which some
or all of the chip
functions are stopped
to conserve power
A transient state in which the CPU changes
the processing flow due to a reset or an interrupt
The CPU is initialized
Note: See section 5, Power-Down Modes, for details on the modes and their transitions.
Sleep (medium-speed)
mode
Figure 2.14 CPU Operation States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com