Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 68Page - Renesas Technology Corp H838024 Datasheet HTML 69Page - Renesas Technology Corp H838024 Datasheet HTML 70Page - Renesas Technology Corp H838024 Datasheet HTML 71Page - Renesas Technology Corp H838024 Datasheet HTML 72Page - Renesas Technology Corp H838024 Datasheet HTML 73Page - Renesas Technology Corp H838024 Datasheet HTML 74Page - Renesas Technology Corp H838024 Datasheet HTML 75Page - Renesas Technology Corp H838024 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 697 page
background image
Section 2 CPU
Rev. 7.00 Mar 10, 2005 page 30 of 652
REJ09B0042-0700
2.3.1
Data Formats in General Registers
Data of all the sizes above can be stored in general registers as shown in figure 2.3.
76543210
Don't care
Data Type
Register No.
Data Format
70
1-bit data
RnH
76543210
Don't care
70
1-bit data
RnL
MSB
LSB
Don't care
70
Byte data
RnH
Byte data
RnL
Word data
Rn
4-bit BCD data
RnH
4-bit BCD data
RnL
[Legend]
RnH:
RnL:
MSB:
LSB:
Upper byte of general register
Lower byte of general register
Most significant bit
Least significant bit
MSB
LSB
Don't care
70
MSB
LSB
15
0
Upper digit
Lower digit
Don't care
70
3
4
Don't care
Upper digit
Lower digit
70
3
4
Figure 2.3 Register Data Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com