Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 62Page - Renesas Technology Corp H838024 Datasheet HTML 63Page - Renesas Technology Corp H838024 Datasheet HTML 64Page - Renesas Technology Corp H838024 Datasheet HTML 65Page - Renesas Technology Corp H838024 Datasheet HTML 66Page - Renesas Technology Corp H838024 Datasheet HTML 67Page - Renesas Technology Corp H838024 Datasheet HTML 68Page - Renesas Technology Corp H838024 Datasheet HTML 69Page - Renesas Technology Corp H838024 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 697 page
background image
Section 1 Overview
Rev. 7.00 Mar 10, 2005 page 24 of 652
REJ09B0042-0700
Pin No.
Type
Symbol
FP-80A
TFP-80C
FP-80B TLP-85V
Pad
No.*
1
Pad
No.*
2
Pad
No.*
3
I/O
Name and Functions
A/D
converter
ADTRG 3
5
B2
34
3Input
A/D converter trigger
input: This is the external
trigger input pin to the A/D
converter.
LCD
controller/
driver
COM4 to
COM1
45 to 48
47 to 50 G10, G8
G9, F10
46 to
49
47 to
50
45 to
48
Output LCD common output:
These are the LCD
common output pins.
SEG32 to
SEG1
44 to 13
46 to 15 H9, J9,
H10, J10,
K8, K9, H8,
K7, J8, J7,
K6, H7, H6,
J5, J6, H5,
K5, J4, H4,
K4, J3, J2,
K3, K2, H1,
J1, H3, G1,
H2, G2, F1,
G3
45 to
14
46 to
15
44 to
13
Output LCD segment output:
These are the LCD
segment output pins.
NC
NC
—
—
A1, A10,
D4, K2,
K10
——
——
NC pin
Vref
57
—
—
——
—Input
LVD reference voltage
input: This is the LVD
reference voltage input
pin.
Low-
voltage
detect
circuit
(LVD)*
4
extD
73
—
—
—
—
—
Input
LVD power supply drop
detect voltage input:
This is the LVD power
supply drop detect
voltage input pin.
extD
74
—
—
—
—
—
Input
LVD power supply rise
detect voltage input:
This is the LVD power
supply rise detect voltage
input pin.
Notes: 1. Pad number for HCD64338024, HCD64338023, HCD64338022, HCD64338021, and
HCD64338020.
2. Pad number for HCD64F38024 and HCD64F38024R.
3. Pad number for HCD64338024S, HCD64338023S, HCD64338022S, HCD64338021S,
and HCD64338020S.
4. H8/38124 Group only
5. Does not apply to H8/38124 Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com