Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 80Page - Renesas Technology Corp H838024 Datasheet HTML 81Page - Renesas Technology Corp H838024 Datasheet HTML 82Page - Renesas Technology Corp H838024 Datasheet HTML 83Page - Renesas Technology Corp H838024 Datasheet HTML 84Page - Renesas Technology Corp H838024 Datasheet HTML 85Page - Renesas Technology Corp H838024 Datasheet HTML 86Page - Renesas Technology Corp H838024 Datasheet HTML 87Page - Renesas Technology Corp H838024 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 697 page
background image
Section 2 CPU
Rev. 7.00 Mar 10, 2005 page 42 of 652
REJ09B0042-0700
2.5.2
Arithmetic Operations
Table 2.5 describes the arithmetic instructions.
Table 2.5
Arithmetic Instructions
Instruction
Size*
Function
ADD
SUB
B/W
Rd ± Rs
→ Rd, Rd + #IMM → Rd
Performs addition or subtraction on data in two general registers,
or addition on immediate data and data in a general register.
Immediate data cannot be subtracted from data in a general
register. Word data can be added or subtracted only when both
words are in general registers.
ADDX
SUBX
B
Rd ± Rs ± C
→ Rd, Rd ± #IMM ± C → Rd
Performs addition or subtraction with carry or borrow on byte data
in two general registers, or addition or subtraction on immediate
data and data in a general register.
INC
DEC
B
Rd ± 1
→ Rd
Increments or decrements a general register by 1.
ADDS
SUBS
W
Rd ± 1
→ Rd, Rd ± 2 → Rd
Adds or subtracts 1 or 2 to or from a general register
DAA
DAS
B
Rd decimal adjust
→ Rd
Decimal-adjusts (adjusts to 4-bit BCD) an addition or subtraction
result in a general register by referring to the CCR
MULXU
B
Rd
× Rs → Rd
Performs 8-bit
× 8-bit unsigned multiplication on data in two
general registers, providing a 16-bit result
DIVXU
B
Rd ÷ Rs
→ Rd
Performs 16-bit ÷ 8-bit unsigned division on data in two general
registers, providing an 8-bit quotient and 8-bit remainder
CMP
B/W
Rd – Rs, Rd – #IMM
Compares data in a general register with data in another general
register or with immediate data, and indicates the result in the
CCR. Word data can be compared only between two general
registers.
NEG
B
0 – Rd
→ Rd
Obtains the two’s complement (arithmetic complement) of data in a
general register
Notes: *
Size: Operand size
B:
Byte
W:
Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com