Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 10Page - Renesas Technology Corp H838024 Datasheet HTML 11Page - Renesas Technology Corp H838024 Datasheet HTML 12Page - Renesas Technology Corp H838024 Datasheet HTML 13Page - Renesas Technology Corp H838024 Datasheet HTML 14Page - Renesas Technology Corp H838024 Datasheet HTML 15Page - Renesas Technology Corp H838024 Datasheet HTML 16Page - Renesas Technology Corp H838024 Datasheet HTML 17Page - Renesas Technology Corp H838024 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 697 page
background image
Rev. 7.00 Mar 10, 2005 page xiv of xlii
Item
Page
Revision (See Manual for Details)
6.5.1 Features
154
Description and note amended
The features of the 32-Kbyte or 16-Kbyte flash memory built
into the flash memory versions are summarized below.
• Programming/erase methods
— The flash memory is programmed 128 bytes at a time.
Erase is performed in single-block units. On the HD64F38024,
HD64F38024R, and HD64F38124 the flash memory is
configured as follows: 1 Kbyte × 4 blocks, 28 Kbytes × 1 block.
On the HD64F38122 the flash memory is configured as follows:
1 Kbyte × 4 blocks, 12 Kbytes × 1 block. To erase the entire
flash memory, each block must be erased in turn.
• Reprogramming capability
— The HD64F38024R, HD64F38124, and HD64F38122 can be
reprogrammed up to 1,000 times and the HD64F38024 up to
100 times.
Note: The system clock oscillator must be used when
programming or erasing the flash memory of the HD64F38124
and HD64F38122.
6.5.2 Block Diagram
Figure 6.7 Block
Diagram of Flash
Memory
155
Figure amended
Flash memory
6.5.3 Block
Configuration
156
Description amended
Figure 6.8 shows the block configuration of the flash memory.
The thick lines indicate erasing units, the narrow lines indicate
programming units, and the values are addresses. In versions
with 32 Kbytes of flash memory, the flash memory is divided
into 1 Kbyte × 4 blocks and 28 Kbytes × 1 block. In versions
with 16 Kbytes of flash memory, the flash memory is divided
into 1 Kbyte × 4 blocks and 12 Kbytes × 1 block. Erasing is
performed in these units.
Programming is performed in 128-byte units starting from an
address with lower eight bits H'00 or H'80.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com