Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 56Page - Renesas Technology Corp H838024 Datasheet HTML 57Page - Renesas Technology Corp H838024 Datasheet HTML 58Page - Renesas Technology Corp H838024 Datasheet HTML 59Page - Renesas Technology Corp H838024 Datasheet HTML 60Page - Renesas Technology Corp H838024 Datasheet HTML 61Page - Renesas Technology Corp H838024 Datasheet HTML 62Page - Renesas Technology Corp H838024 Datasheet HTML 63Page - Renesas Technology Corp H838024 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 697 page
background image
Section 1 Overview
Rev. 7.00 Mar 10, 2005 page 18 of 652
REJ09B0042-0700
Table 1.4
Bonding Pad Coordinates of HCD64338024S, HCD64338023S, HCD64338022S,
HCD64338021S, and HCD64338020S
Coordinates
Coordinates
Pad No.
Pad Name
X (
µµµµm)
Y (
µµµµm)
Pad No.
Pad Name
X (
µµµµm)
Y (
µµµµm)
1AVCC
–1338
1053
41
P84/SEG29
1338
–1121
2
P13/TMIG
–1338
823
42
P85/SEG30
1338
–929
3
P14/
IRQ4/ADTRG
–1338
737
43
P86/SEG31
1338
–820
4
P16
–1338
649
44
P87/SEG32
1338
–721
5
P17/
IRQ3/TMIF
–1338
556
45
PA3/COM4
1338
–610
6
X1
–1338
460
46
PA2/COM3
1338
–499
7
X2
–1338
363
47
PA1/COM2
1338
–388
8VSS = AVSS
–1338
229
48
PA0/COM1
1338
–277
9
OSC2
–1338
100
49
V3
1338
–189
10
OSC1
–1338
13
50
V2
1338
–91
11
TEST
–1338
–74
51
V1
1338
6
12
RES
–1338
–168
52
VCC
1338
156
13
P50/
WKP0/SEG1
–1338
–265
53
VSS
1338
362
14
P51/
WKP1/SEG2
–1338
–373
54
P90/PWM1
1338
528
15
P52/
WKP2/SEG3
–1338
–481
55
P91/PWM2
1338
614
16
P53/
WKP3/SEG4
–1338
–590
56
P92
1338
699
17
P54/
WKP4/SEG5
–1338
–698
57
P93
1338
785
18
P55/
WKP5/SEG6
–1338
–806
58
P94
1338
871
19
P56/
WKP6/SEG7
–1338
–892
59
P95
1338
957
20
P57/
WKP7/SEG8
–1338
–1091
60
IRQAEC
1338
1147
21
P60/SEG9
–1121
–1338
61
P30/UD
1131
1338
22
P61/SEG10
–927
–1338
62
P31/TMOFL
936
1338
23
P62/SEG11
–805
–1338
63
P32/TMOFH
831
1338
24
P63/SEG12
–703
–1338
64
P33
735
1338
25
P64/SEG13
–593
–1338
65
P34
631
1338
26
P65/SEG14
–483
–1338
66
P35
526
1338
27
P66/SEG15
–372
–1338
67
P36/AEVH
421
1338
28
P67/SEG16
–263
–1338
68
P37/AEVL
317
1338
29
P70/SEG17
–166
–1338
69
P40/SCK32
212
1338
30
P71/SEG18
–47
–1338
70
P41/RXD32
108
1338
31
P72/SEG19
55
–1338
71
P42/TXD32
3
1338
32
P73/SEG20
166
–1338
72
P43/
IRQ0
–101
1338
33
P74/SEG21
277
–1338
73
PB0/AN0
–249
1338
34
P75/SEG22
388
–1338
74
PB1/AN1
–362
1338
35
P76/SEG23
499
–1338
75
PB2/AN2
–476
1338
36
P77/SEG24
610
–1338
76
PB3/AN3/
IRQ1/TMIC
–589
1338
37
P80/SEG25
701
–1338
77
PB4/AN4
–702
1338
38
P81/SEG26
790
–1338
78
PB5/AN5
–791
1338
39
P82/SEG27
885
–1338
79
PB6/AN6
–880
1338
40
P83/SEG28
1076
–1338
80
PB7/AN7
–1081
1338
Note: Pad No. 11 (TEST) should be connected to VSS.
If it is not connected, the LSI will not operate correctly.
These values show the coordinates of the centers of pads. The accuracy is ±5 µm.
The home-point position is the chip’s center and the center is located at halfway between the upper and lower pads and
the left and right pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com