Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 60Page - Renesas Technology Corp H838024 Datasheet HTML 61Page - Renesas Technology Corp H838024 Datasheet HTML 62Page - Renesas Technology Corp H838024 Datasheet HTML 63Page - Renesas Technology Corp H838024 Datasheet HTML 64Page - Renesas Technology Corp H838024 Datasheet HTML 65Page - Renesas Technology Corp H838024 Datasheet HTML 66Page - Renesas Technology Corp H838024 Datasheet HTML 67Page - Renesas Technology Corp H838024 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 697 page
background image
Section 1 Overview
Rev. 7.00 Mar 10, 2005 page 22 of 652
REJ09B0042-0700
Pin No.
Type
Symbol
FP-80A
TFP-80C
FP-80B TLP-85V
Pad
No.*
1
Pad
No.*
2
Pad
No.*
3
I/O
Name and Functions
10-bit
PWM pin
PWM1
PWM2
54
55
56
57
E10
D9
55
56
56
57
54
55
Output 10-bit PWM output:
These are output pins for
waveforms generated by
the channel 1 and 2 10-bit
PWMs.
I/O ports
P17
P16
P14
P13
5
4
3
2
7
6
5
4
D1
C2
B2
C1
5
4
3
2
6
5
4
3
5
4
3
2
I/O
Port 1: This is a 4-bit I/O
port. Input or output can
be designated for each bit
by means of port control
register 1 (PCR1).
Note that the H8/38124
Group is not equipped
with a pin 16.
P37 to
P30
68 to 61
70 to 63 A6, B7
C7, A7
B8, B9
A8, A9
69 to
62
70 to
63
68 to
61
I/O
Port 3: This is an 8-bit I/O
port. Input or output can
be designated for each bit
by means of port control
register 3 (PCR3).
If the on-chip emulator is
used, pins 33, 34, and 35
are reserved for the
emulator and not
available to the user.
P43
72
74
C5
73
74
72
Input
Port 4 (bit 3): This is a 1-
bit input port.
P42 to
P40
71 to 69
73 to 71 B6
B5
C6
72 to
70
73 to
71
71 to
69
I/O
Port 4 (bits 2 to 0): This
is a 3-bit I/O port. Input or
output can be designated
for each bit by means of
port control register 4
(PCR4).
P57 to
P50
20 to 13
22 to 15 H1, J1
H3, G1
H2, G2
F1, G3
21 to
14
22 to
15
20 to
13
I/O
Port 5: This is an 8-bit I/O
port. Input or output can
be designated for each bit
by means of port control
register 5 (PCR5).
P67 to
P60
28 to 21
30 to 23 K5, J4
H4, K4
J3, J2
K3, K2
29 to
22
30 to
23
28 to
21
I/O
Port 6: This is an 8-bit I/O
port. Input or output can
be designated for each bit
by means of port control
register 6 (PCR6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com