Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 70Page - Renesas Technology Corp H838024 Datasheet HTML 71Page - Renesas Technology Corp H838024 Datasheet HTML 72Page - Renesas Technology Corp H838024 Datasheet HTML 73Page - Renesas Technology Corp H838024 Datasheet HTML 74Page - Renesas Technology Corp H838024 Datasheet HTML 75Page - Renesas Technology Corp H838024 Datasheet HTML 76Page - Renesas Technology Corp H838024 Datasheet HTML 77Page - Renesas Technology Corp H838024 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 697 page
background image
Section 2 CPU
Rev. 7.00 Mar 10, 2005 page 32 of 652
REJ09B0042-0700
2.4
Addressing Modes
2.4.1
Addressing Modes
The H8/300L CPU supports the eight addressing modes listed in table 2.1. Each instruction uses a
subset of these addressing modes.
Table 2.1
Addressing Modes
No.
Address Modes
Symbol
1
Register direct
Rn
2
Register indirect
@Rn
3
Register indirect with displacement
@(d:16, Rn)
4
Register indirect with post-increment
Register indirect with pre-decrement
@Rn+
@–Rn
5
Absolute address
@aa:8 or @aa:16
6
Immediate
#xx:8 or #xx:16
7
Program-counter relative
@(d:8, PC)
8
Memory indirect
@@aa:8
Register Direct—Rn: The register field of the instruction specifies an 8- or 16-bit general register
containing the operand.
Only the MOV.W, ADD.W, SUB.W, CMP.W, ADDS, SUBS, MULXU (8 bits
× 8 bits), and
DIVXU (16 bits ÷ 8 bits) instructions have 16-bit operands.
Register Indirect—@Rn: The register field of the instruction specifies a 16-bit general register
containing the address of the operand in memory.
Register Indirect with Displacement—@(d:16, Rn): The instruction has a second word (bytes 3
and 4) containing a displacement which is added to the contents of the specified general register to
obtain the operand address in memory.
This mode is used only in MOV instructions. For the MOV.W instruction, the resulting address
must be even.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com