Electronic Components Datasheet Search
  English  ▼

X  

SME Datasheet(PDF) 2 Page - Winchester Electronics Corporation

Part # SME
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SME Datasheet(HTML) 2 Page - Winchester Electronics Corporation

  SME Datasheet HTML 1Page - Winchester Electronics Corporation SME Datasheet HTML 2Page - Winchester Electronics Corporation SME Datasheet HTML 3Page - Winchester Electronics Corporation SME Datasheet HTML 4Page - Winchester Electronics Corporation SME Datasheet HTML 5Page - Winchester Electronics Corporation SME Datasheet HTML 6Page - Winchester Electronics Corporation SME Datasheet HTML 7Page - Winchester Electronics Corporation SME Datasheet HTML 8Page - Winchester Electronics Corporation SME Datasheet HTML 9Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 93 page
background image
Removable contacts offer a substantial savings
of time, labor and a great flexibility in the choice
of circuitry. The contact is easily removed with
the hand tool depicted and then placed by
hand or with a simple insertion tool
The MRAC Series is an important extension of the MRA line featuring a variety
of crimp and solder removable contact styles. Except for body thickness, they
are similar and interchangeable with the MRA Series.
■
Closed Entry
Removable Socket
and Pin Contacts.
■
Connector Inserts with
9 to 104 Contacts.
■
Quick Crimp ... Snap in
Place!
■
To remove ... insert
removal tool — “Push
Out” Contact!
Current Rating: Up to 13 amps
No. of
Contacts:
9, 14, 18, 20, 26, 34, 41, 42,
50, 66, 75, 104
Contacts:
Must be ordered separately.
Select from crimp, solder, dip
solder, shielded or Wire-
Wrap termination contacts.
See 100 Series contact
section.
Contact
Identificaiton: Standard contact identifica-
tion is alphabetical except for
MRAC66 and 75 which have
numerical identification. To
order numerical identification
on MRAC 34, 50 or 104,
specify MNAC**P or S.
Electrical Data: Meets high potential
performance of MIL-C-28748.
The dielectric withstanding
voltage is one minute
electrification at 2000 VAC
(sea level).
Dielectric:
MRAC Series: Standard glass
filled diallyl phthalate, per MIL-
M-14, SDG-F, color gray.
Qualification: Military Versions are QPL’d to
M28748/3 and M28748/4.
Polarization: Gold plated guides provide
positive polarization. Polarized
nickel-plated brass and/or
passivated stainless steel with
anodized aluminum knobs available.
Hoods:
Anodized aluminum. May be
applied to either plug or
receptacle. Both top and side
opening hoods available.
CATALOG NO.
MRAC 42P
MS 18180-1
MRAC 42S
MS 18181-1
MRAC 50P
MS 18182-1
MRAC 50S
MS 18183-1
MRAC 66P
MS 18184-1
MRAC 66S
MS 18185-1
MRAC 75P
MS 18187-1
MRAC 75S
MS 18188-1
MRAC 104P
MS 18189-1
MRAC 104S
MS 18190-1
CATALOG NO.
MRAC 9P
MS 14007-1
MRAC 9S
MS 14006-1
MRAC 14P
MS 18174-1
MRAC 14S
MS 18175-1
MRAC 20P
MS 18176-1
MRAC 20S
MS 18177-1
MRAC 26P
MS 14008-1
MRAC 26S
MS 14005-1
MRAC MS34P MS 18178-1
MRAC MS34S MS 18179-1
Miniature Rectangular, Removable Contacts
MRAC Series
Specifications
Military Cross Reference
RP /
2
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com