Electronic Components Datasheet Search
  English  ▼

X  

SME Datasheet(PDF) 79 Page - Winchester Electronics Corporation

Part # SME
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SME Datasheet(HTML) 79 Page - Winchester Electronics Corporation

Back Button SME Datasheet HTML 75Page - Winchester Electronics Corporation SME Datasheet HTML 76Page - Winchester Electronics Corporation SME Datasheet HTML 77Page - Winchester Electronics Corporation SME Datasheet HTML 78Page - Winchester Electronics Corporation SME Datasheet HTML 79Page - Winchester Electronics Corporation SME Datasheet HTML 80Page - Winchester Electronics Corporation SME Datasheet HTML 81Page - Winchester Electronics Corporation SME Datasheet HTML 82Page - Winchester Electronics Corporation SME Datasheet HTML 83Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 93 page
background image
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
Side Mounting, 4 Position Rectangular
2 and 4 Position In-Line
JF Series, PIN and Socket, 2 Position In-Line Connectors
Dimensions shown are typical for all standard 2 position in-line connectors.
JF Series, PIN and Socket, 4 Position In-Line Connectors
Dimensions shown are typical for all standard 4 position in-line connectors.
.11
2.8
1.00
25.4
.76
19.2
.55
13.9
.04
1.0
.75
19.1
.10
2.6
Thru C'Sink
.18
4.6
x 82o
.13
3.2
.23
5.9
.36
9.1
.05
1.3
Solder Cup
.16
4.0
3 x
.27
6.8
.22
5.5
JF4SAB
JF4PAB
.09
2.3
Thru C'Sink
.17
4.3
x 82o
.44
11.1
.06
1.6
.76
19.2
.53
13.5
.04
1.0
.17
4.4
.34
8.7
.22
5.5
JF1S1PA
JF1P1SA
.05
1.3
Solder Cup
.13
3.2
.08
2.0
.28
7.1
Side Mounting, 4 Position Rectangular, 2 and 4 Position In-Line
JF Series, PIN and Socket, 4 Position Rectangular Connectors
Dimensions shown are typical for all standard 4 position rectangular connectors.
.09
2.3
Thru C'Sink
.17
4.3
x 82o
.04
1.0
.13
3.2
JF2S2PAB
.05
1.3
Solder Cup
.06
1.6
.44
11.1
.53
13.5
.76
19.2
JF2P2SAB
.17
4.4
.34
8.7
.22
5.5
.25
6.4
.08
2.0
.28
7.1
JF Series
Miniature Side Mount / #20 Contacts / .040" Dia. / 7.5 Amps
RP /
79
www.winconn.com
Outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com