Electronic Components Datasheet Search
  English  ▼

X  

SME Datasheet(PDF) 53 Page - Winchester Electronics Corporation

Part # SME
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SME Datasheet(HTML) 53 Page - Winchester Electronics Corporation

Back Button SME Datasheet HTML 49Page - Winchester Electronics Corporation SME Datasheet HTML 50Page - Winchester Electronics Corporation SME Datasheet HTML 51Page - Winchester Electronics Corporation SME Datasheet HTML 52Page - Winchester Electronics Corporation SME Datasheet HTML 53Page - Winchester Electronics Corporation SME Datasheet HTML 54Page - Winchester Electronics Corporation SME Datasheet HTML 55Page - Winchester Electronics Corporation SME Datasheet HTML 56Page - Winchester Electronics Corporation SME Datasheet HTML 57Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 93 page
background image
Omit steps not required
A
S-2
XMRE 34
A
S-2
1
XMRA 34
-F
-F
110
10
Guides
G- Cylindrical guide with single spring member.
Recommended for ground only.
K- Cylindrical guide with four spring members.
May be used for electrical contact.
N- Cylindrical guide without spring member.
Recommended for extra mechanical strength.
Jackscrews and Jacksockets
***
M- Polarized short turnable jackscrew and
jacksocket. Cannot be used with hoods.
***
C- Polarized long turnable jackscrew and
jacksocket for use with hoods.
***D- Polarized turnable jackscrew and jacksocket
for use with hoods for sizes 34 thru 104
excluding 41.
*** F- Polarized fixed jackscrew and jacksocket.
***
J-
Non-polarized short turnable jackscrews.
Cannot be used with hoods.
***L- Non-polarized long turnable jackscrews.
***R- Non-polarized fixed jacksocket.
***
FZ- Same as F but with 6-32 mtg thd (std on 104).
***
MW-Same as M but with knurled round knob with
internal hex (not avail. 104).
***MU- Same as M but with knurled round knob with
screwdriver slot (not avail. 104).
***MX- Same as M but with hex knob (not avail 104).
***CW- Same as C but with knurled round knob with
internal hex (not avail. 104).
***
CU- Same as C but with knurled round knob with
screwdriver slot (not avail. 104).
***
CX- Same as C but with hex knob (not avail. 104).
***
CZ- Same as C but with prybar knob
(not avail. 104).
*** Request availablity information.
***
Material: Nickel-plated brass - standard
Potting Form or Hoods:
0- When no potting form or hood is required.
1- Potting form style #0100. Cannot be used with hood.
Request availability information.
Cannot be used
Formed Hoods:
3- Hood, top opening, style #0300, for use with Type “C”
or “D” jackscrews.
4- Hood, side opening, style #0400, for use with Type “C”
or “D” jackscrews.
5- Hood, top opening, style #0500, for use with “G”, “K”,
or “N” type guides only and “F” style jackscrews.
6- Hood, side opening, style #0600, for use with “G”, “K”,
or “N” type guides only and “F” style jackscrews.
Deep Drawn Hoods:
7- Hood, top opening, style #0700, for use with Type “C”
or “D” jackscrews.
8- Hood, side opening, style #0800, for use with Type “C”
or “D” jackscrews.
9- Hood, top opening, style #0900, for use with “G”, “K”,
and “N” type guides or “F” jackscrews.
2- Hood, side opening, style #0200, for use with “G”, “K”,
or “N” type guides or “F” jackscrews.
Note: Addition of “X” to end of code # indicates cable
opening larger than std. See hoods for cable opening
size.
Example: XMRE34PD3A300X
■
Step 2
Pin or
Socket
Contacts:
P - Pin
S - Socket
■
Step 3
Type of
Contact:
Blank =
Standard
Solder Cup
Straight
Dip Solder
.030" dia.=
XMRA
.025" dia.=
XMRE
D3 = .094"
D4 = .125"
D5 = .156"
For additional
lengths in 1/32"
increments,
contact
Winchester’s
Sales
Department.
■
Step 4
■
Step 4
Guides
Jackscrews
and
Jacksockets
(See bottom
chart)
■
Step 6
Polarization
Position:
A, B, C, D, E,
F or G.
Omit letter
when
polarization is
not required.
■
Step 7
(See
bottom
chart)
■
Step 7
■
Step 9
Special Gaskets:
Omit letter when gaskets
are not required.
**
G- Bulkhead gasket, style
#0000G. Use only
when mounting plate is
specified.
**
F- Face gasket, style
#0000F. Use with
male insert only.
**
B- If both gasket #0000G
and gasket #0000F
are desired.
**
Check plant for availability
**
on all gaskets.
■
Step 8
Mounting Plate
or Finger Grips:
00- When no
mounting
plate is
required
*10- Mounting
plate, style
#0010.
*Mounting plates
are not used with
“M”, “C”, “D”, “J”,
or “L” jackscrews.
■
Step 5
Shell Type:
0 No shell.
1 Plug shell, style
1*000.
2 Receptacle shell,
style 2*000.
3 Plug shell,
monojack type,
style 3*000.
4 Receptacle,
monojack type,
style 4*000.
** 7 Stainless Steel
Plug shell, style
7*000 (66 & 104
only)
** 8 Stainless Steel
Receptacle shell,
style 8*000 (66 &
104 only)
* Polarizing Position
** Request availablity
information.
■
Step 1
Insert Code
No. of
Contacts:
XMRA 9,
14, 20, 34,
42, 50, 50-8,
66, 75, 104
XMRE 9,
14, 18, 20,
26, 34, 42,
50, 75, 104
By adding “ML”
to the series
code, connector
is supplied with
diallyl phthalate
type SDG-F
and mil plated
contacts.
Example:
XMREML
XMRAML
XMRA & XMRE Series
RP /
53
www.winconn.com
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com