Electronic Components Datasheet Search
  English  ▼

X  

SME Datasheet(PDF) 83 Page - Winchester Electronics Corporation

Part # SME
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SME Datasheet(HTML) 83 Page - Winchester Electronics Corporation

Back Button SME Datasheet HTML 79Page - Winchester Electronics Corporation SME Datasheet HTML 80Page - Winchester Electronics Corporation SME Datasheet HTML 81Page - Winchester Electronics Corporation SME Datasheet HTML 82Page - Winchester Electronics Corporation SME Datasheet HTML 83Page - Winchester Electronics Corporation SME Datasheet HTML 84Page - Winchester Electronics Corporation SME Datasheet HTML 85Page - Winchester Electronics Corporation SME Datasheet HTML 86Page - Winchester Electronics Corporation SME Datasheet HTML 87Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 93 page
background image
6x Actual Size — Typical Removable Contact
Specifications: Conforms to applicable
portions of MIL-C-39029
Wire Sizes:
From a minimum 28 to a
maximum 14 AWG. All
contacts are designed to
accept a minimum AWG
conductor up to two sizes
below maximum gage
(each contact.)
Termination
Types:
Crimp, solder, dip solder or
wire-wrap
Current Rating: 7.5 Amps maximum for .040
contacts. 13 Amps maximum
for .062 contacts.
Pin Contacts: Copper Alloy, gold plated.
Socket
Contacts:
Closed entry type machined
from copper alloy, gold
plated.
Tools:
Complete line available.
Includes automatic pneu-
matic, pneumatic hand
operated, hand operated
crimping tools, insertion and
removal tools.
Military
To Order: Specify by catalog number
Note:
Series 100 Removable Contacts are not supplied with the
connector. They must be ordered as a separate item.
Winchester Electronics removable contacts
allow quick, easy removal and replacement of
any contact without disturbing another - and
without discarding the connector. They offer
exceptional flexibility in both the choice and
revision of circuitry for rack and panel
equipment ... at substantial savings in
replacement and installation time. In addition,
wiring costs are significantly lowered, as
wires may be assembled away from the
connector itself. Assembly of contacts to
wires is further simplified by crimp type
contacts. A contact is slipped on the wire,
inserted in the crimping tool, and crimped
securely in place in seconds. Compact and
self-aligning, these removable contacts
provide high retention force and exceptional
mechanical and electrical reliability. Solder
type removable contacts are available for
connectors using MRAC contacts.
100 Series
Removable Contacts
RP /
83
www.winconn.com
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com