Electronic Components Datasheet Search
  English  ▼

X  

SME Datasheet(PDF) 64 Page - Winchester Electronics Corporation

Part # SME
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SME Datasheet(HTML) 64 Page - Winchester Electronics Corporation

Back Button SME Datasheet HTML 60Page - Winchester Electronics Corporation SME Datasheet HTML 61Page - Winchester Electronics Corporation SME Datasheet HTML 62Page - Winchester Electronics Corporation SME Datasheet HTML 63Page - Winchester Electronics Corporation SME Datasheet HTML 64Page - Winchester Electronics Corporation SME Datasheet HTML 65Page - Winchester Electronics Corporation SME Datasheet HTML 66Page - Winchester Electronics Corporation SME Datasheet HTML 67Page - Winchester Electronics Corporation SME Datasheet HTML 68Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
.37
.18
.200
.050
2.800
3.13
.100 Typ.
.100
.200
.15
2.50
.69
.32
#6-32 UNC-2A
#6-32 UNC-2B
1.54
■
Step 1
Series Code:
Series 42
■
Step 2
1 = Crimp Connector
Molding
■
Step 3
Hardware and
Accessories:
(See bottom chart)
■
Step 4
No. of
Contacts:
50 or 74
■
Step 6
Polarization Positions:
Blank = Non-Polarized
Polarization available in 50
contact configuration only. Choice
of any combination of 24 center
positions. Specify polarizing
positions required. Positions top
to bottom are: A, B, C, D, E, F, H,
J, K, L, M, N, P, R, S, T, U, V, W,
X, Y, Z, a, b.
When 74 contacts are required no
polarization other than hardware
polarization is available.
■
Step 5
Contact Type:
S = Socket
P = Pin
Crimp removable contacts
are ordered separately.
Pin Contacts:
100-4020P
100-4024P
100-4028P
Socket Contacts:
100-4020S
100-4024S
100-4028S
Socket Contacts
(Closed Entry):
100-54020S
100-54024S
100-54028S
See 100 Series Contact
Section of Rack & Panel
Crimp Removable Pin Contacts
34 = Molding, No Hardware
35 = Molding, With Guides
36 = Molding, With Fixed Jackscrews
52 = Molding, With Short-Turning Jackscrews
53 = Molding, With Long-Turning Jackscrews
54 = Molding, With Guides and Hood
55 = Molding, With Long-Turning Jackscrews
55 = and Hood
Crimp Removable Socket Contacts
40 = Molding, No Hardware
41 = Molding, With Guides
42 = Molding, With Short-Turning Jackscrews,
42 = No Hood
43 = Molding, With Long-Turning Jackscrews,
42 = No Hood
44 = Molding, With Guides and Hoods
45 = Molding, With Long-Turning Jackscrews
42 = and Hood
46 = Molding, With Fixed Jackscrews
42
P
50
1
36
42 Series
Outline
Ordering Information
RP /
64
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com