Electronic Components Datasheet Search
  English  ▼

X  

SME Datasheet(PDF) 33 Page - Winchester Electronics Corporation

Part # SME
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SME Datasheet(HTML) 33 Page - Winchester Electronics Corporation

Back Button SME Datasheet HTML 29Page - Winchester Electronics Corporation SME Datasheet HTML 30Page - Winchester Electronics Corporation SME Datasheet HTML 31Page - Winchester Electronics Corporation SME Datasheet HTML 32Page - Winchester Electronics Corporation SME Datasheet HTML 33Page - Winchester Electronics Corporation SME Datasheet HTML 34Page - Winchester Electronics Corporation SME Datasheet HTML 35Page - Winchester Electronics Corporation SME Datasheet HTML 36Page - Winchester Electronics Corporation SME Datasheet HTML 37Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 93 page
background image
Omit steps not required
H
■
Step 1
Insert Series
Code
By adding “ML”
to the series
code, connector
is supplied with
diallyl phthalate
type SDG-F
and mil plated
contacts.
Example:
MRAML
■
Step 3
Contact
Designation:
P - Pin
S - Socket
When
ordering
molding less
hardware to
be used with
mono-jacks,
see Note
below.
■
Step 4
Type of
Contact:
Blank =
Standard
Solder Cup
Straight
Dip Solder
.030" dia.:
D3 = .094"
D4 = .125"
D5 = .156"
For additional
lengths in 1/32"
increments,
contact
Winchester’s
Sales
Department.
■
Step 5
Guides and
Jackscrew
Locks:
(See bottom
Chart)
■
Step 6
Hoods:
H - Standard
Top
Opening*
H1 - Standard
Side
Opening
H8 - Large Top
Opening
H9 - Large Side
Opening
See Hood
Section for
Availability
*(Note: H Hoods
for MRA 9, 14
and 20 will not
accept JTC
hardware. Use
H8 hoods.)
■
Step 7
Vibration
Locks:
V - Lock Tab
V2 - Lock Tab
(Size 50
& 75)
VL - Lever &
Pivot Ass’y
VL2 - Lever &
Pivot Ass’y
(Size 50
& 75)
■
Step 8
Accessories:
FM - Potting
Forms.
Cannot be
Used with
Hoods.
Request
availability
informa-
tion.
■
Step 9
Special
Options:
Consult Sales
Department
Guides
*G
Phosphor Bronze Cylindrical Guides*
*K
Beryllium Copper Cylindrical Guides
*N
Brass Cylindrical Guides*
Guides are not recommended for Size 104
“P” indicates two guide pins or two jackscrews
(EX. JTCP)
“S” indicates two guide sockets or two jacksockets.
(Ex. GS)
Jackscrew Locks
*** J
Polarized Fixed Jackscrew and Jacksocket
JT
Polarized Short Turning Jackscrew
and Jacksocket
JTC
Polarized Long Turning Jackscrew
and Jacksocket
JTD
Polarized Long Turning Mono-Jackscrew and
Mono-Jacksocket for Sizes 34, 42, 50, 66,
75, and 104 only.
■
Step 5
* For passivated stainless steel add SS suffix. (
Example: MRA34SGSS)
Mounting Note: Connectors MRA 9, MRA 14, MRA 20 and MRA41 use guides or fixed jacks for mounting in a
hood or on a panel. Connectors MRA 34, MRA 42, MRA 50, MRA 66, MRA 75 use four #4 machine screws,
and MRA 104 uses four #6 machine screws for mounting in a hood or on a panel. Guides are not recom-
mended for use with MRA 104.
MRA
34
S
GVL
Note: When ordering hoods, hardware and connectors separately for use with JTD Monojacks, connec-
tors must be ordered as follows:
Pin connector = MRA34P8, MRA42P8, etc.
Socket connector = MRA34S8, MRA42S8, etc.
The number “8” indicates special housing for use with the JTD Monojack hardware
(available on sizes 34, 42, 50, 66, 75 and 104).
**JZ
Same as J but with 6-32 mtg. thd.
(Std. on 104)
**JTW Same as JT but with knurled round knob
with internal hex (not avail. 104)
**JTU Same as JT but with knurled round knob
with screwdriver slot (not avail. 104)
**JTX Same as JT but with hex knob
(not avail. 104)
**JTCW Same as JTC but with knurled round knob
with internal hex (not avail. 104)
**JTCU Same as JTC but with knurled round knob
with screwdriver slot (not avail. 104)
**JTCX Same as JTC but with hex knob
(not avail. 104)
**JTCZ Same as JTC but with prybar knob
(not avail. 104)
** Request availablity information.
***Material: Nickel-plated brass - standard.
■
Step 2
Number of
Contacts:
9, 14, 20, 34,
41, 42, 50,
50-8, 66, 75,
104
***
MRA Series
RP /
33
www.winconn.com
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com