Electronic Components Datasheet Search
  English  ▼

X  

SME Datasheet(PDF) 9 Page - Winchester Electronics Corporation

Part # SME
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SME Datasheet(HTML) 9 Page - Winchester Electronics Corporation

Back Button SME Datasheet HTML 5Page - Winchester Electronics Corporation SME Datasheet HTML 6Page - Winchester Electronics Corporation SME Datasheet HTML 7Page - Winchester Electronics Corporation SME Datasheet HTML 8Page - Winchester Electronics Corporation SME Datasheet HTML 9Page - Winchester Electronics Corporation SME Datasheet HTML 10Page - Winchester Electronics Corporation SME Datasheet HTML 11Page - Winchester Electronics Corporation SME Datasheet HTML 12Page - Winchester Electronics Corporation SME Datasheet HTML 13Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
DIMENSIONS - Side Opening
AB
CD
E
H
G
MRA 34H9-491 2.08 .83 1.17 2.59 .64 x .75 1.06 1.688 .6
MRA 66H9
2.38 1.22 1.17 2.92 .84 Dia. 1.34 1.969 .8
MRA 104H9
2.84 1.63 2.23 3.39 1.19 Dia.1.63 2.375 1.0
DIMENSIONS - Top Opening
AB
CD
E
H
G
MRA 34H-491 2.08 .83 1.17 1.59 .66 x .75 – 1.688 .6
MRA 66H
2.38 1.22 1.17 1.69 1.03 Dia. – 1.969 .8
MRA 104H
2.84 1.63 2.23 2.75 1.19 Dia. – 2.375 1.0
Lock Tabs (MRE-V shown)
Lever & Pivot Assemblies (MRE-VL shown)
Designed for MRAC connectors, this vibration
lock features genuine simplicity of design, plus
complete locking effectiveness. Assembly of
either the lever-and-pivot assembly or the lock
DIMENSIONS
AB
C
D E
F
G
H
MRE 50B 1.06 .688 3.031 3.44 .13 .28 .78
MRE 75B 1.48 1.047 3.062 3.56 .14 .30 1.14
Code No.
.128 Dia 3 Holes
(No. 4 Mounting
Screw)
.150 Dia 3 Holes
(No. 6 Mounting
Screw)
Wt.
Oz.
.4
.6
Hoods shown are MRA Hoods for use with MRAC Connectors
MRAC 104P
MRAC 104S
MRAC 66P
MRAC 66S
MRAC 34P
MRAC 34S
Fits
Connector
Wt.
Oz.
Code No.
Top Cable Opening
Side Cable Opening
MRAC 104P
MRAC 104S
MRAC 66P
MRAC 66S
MRAC 34P
MRAC 34S
Fits
Connector
Code No.
Wt.
Oz.
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
Lever
& Pilot
Assembly
MRE-VL
MRE-VL2
Used on
Connectors
MRAC 9, 14,
18, 20, 26, 34,
41, and 42
MRAC 50
MRAC 75
Lock Tabs
(See Note)
MRE-V
MRE-V2
Nomenclature
MRAC 50 and MRAC 75 connectors
use the standard MRE 50 and
MRE 75 mounting brackets.
H
A
B
C
D
E
F
G
2.625
.11R Panel
Opening
D
C
.08
.08
For MRA;
66;104
G
B
For MRA 34 Only
B
C
D
G
A
.1935 Dia. 2 Holes
(.228 Dia. 2 Holes For 104)
.08
E
Cable
Opening
H
E
Cable
Opening
A
Note 1:When panel mounting the lock-tab half of a MRAC 34, MRAC 42 or MRAC 50 connector, flat washers
(.033 minimum thickness) should be used on the mounting screws to shim the molding away from the panel.
Note 2: Each code number indicates two units, i.e., the “MRE-VL” consists of two levers and two pivots
(unassembled*), and the “MRE-V” consists of two tabs.
Note 3: These units are supplied unassembled to facilitate handling. The pivot is easily assembled to the
lever merely by inserting the hooked end through the lever opening. It will automatically snap into proper
position. Patent #2,760,174.
parts to the plug and receptacle is quick and easy.
The unit locks automatically when the mating plug
and receptacle are engaged. Unlocking and
disengaging can be done with one hand.
Rack & Panel
Miniature Rectangular, Removable Contacts
MRAC Series
RP /
9
www.winconn.com
Vibration Locks
Dimensions / Outline
Hoods
Dimensions / Outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com