Electronic Components Datasheet Search
  English  ▼

X  

SME Datasheet(PDF) 63 Page - Winchester Electronics Corporation

Part # SME
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SME Datasheet(HTML) 63 Page - Winchester Electronics Corporation

Back Button SME Datasheet HTML 59Page - Winchester Electronics Corporation SME Datasheet HTML 60Page - Winchester Electronics Corporation SME Datasheet HTML 61Page - Winchester Electronics Corporation SME Datasheet HTML 62Page - Winchester Electronics Corporation SME Datasheet HTML 63Page - Winchester Electronics Corporation SME Datasheet HTML 64Page - Winchester Electronics Corporation SME Datasheet HTML 65Page - Winchester Electronics Corporation SME Datasheet HTML 66Page - Winchester Electronics Corporation SME Datasheet HTML 67Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 93 page
background image
.375
2.802
4-40 UNC 2-A THD. Typ
.156
.100
Typ.
3.125
.234
.688
Typ.
.030
.313
.205
.550
.450
.350
Dip Solder, Molded-in Contacts
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
Dip Solder Receptacle
Shown:
74 contact right angle configuration. Center row eliminated for 50 contact connector.
■
Step 5
Polarization Positions:
Blank = Non-Polarized
Polarization available in 50
contact configuration only. Choice
of any combination of 24 center
positions. Specify polarizing
positions required. Positions top
to bottom are: A, B, C, D, E, F, H,
J, K, L, M, N, P, R, S, T, U, V, W,
X, Y, Z, a, b.
When 74 contacts are required no
polarization other than hardware
polarization is available.
■
Step 3
No. of Contacts:
50 or 74
■
Step 4
Contact Type:
P = Pin
■
Step 1
Series Code:
Series 42
■
Step 2
Hardware and
Accessories:
DIP SOLDER
(Molded-in Contacts)
30 = No Hardware
31 = Guide Pin
and Socket
32 = Fixed Jackscrew
and Jacksocket
■
Step 6
Termination Type:
4 = Dip Solder
Contacts...125"
5 = Dip Solder
Contacts...156"
852 = Right Angle
Dip Solder
Contacts .205"
74
P
42
4
-30
42 Series
RP /
63
www.winconn.com
Outline
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com