Electronic Components Datasheet Search
  English  ▼

X  

SME Datasheet(PDF) 82 Page - Winchester Electronics Corporation

Part # SME
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SME Datasheet(HTML) 82 Page - Winchester Electronics Corporation

Back Button SME Datasheet HTML 78Page - Winchester Electronics Corporation SME Datasheet HTML 79Page - Winchester Electronics Corporation SME Datasheet HTML 80Page - Winchester Electronics Corporation SME Datasheet HTML 81Page - Winchester Electronics Corporation SME Datasheet HTML 82Page - Winchester Electronics Corporation SME Datasheet HTML 83Page - Winchester Electronics Corporation SME Datasheet HTML 84Page - Winchester Electronics Corporation SME Datasheet HTML 85Page - Winchester Electronics Corporation SME Datasheet HTML 86Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 93 page
background image
070 DIA
SOLDER CUP
.34
.0625 DIA
.172
.172
JFA 2
.089 DIA HOLE
.203 DIA. X 82O
C'SINK BOTH
SIDE S (TYP)
.13
.34
.172
.44
.22
JFA2H
.25
.44
.218
.53
.25
.78
.53
.34
Electrical Data:Dielectric withstanding
voltage is one minute
electrification at 2925 VAC.
Dielectric:
Molded diallyl phthalate
per MIL-M-14
Hood:
Locked to connector by
means of two side mounted
straps.
Current Rating: 13 amps
No. of
Contacts:
2
Pin Contacts: .062 dia. brass, gold plated
Socket
Contacts:
Phosphor bronze, gold plated
Terminations: .070 dia. solder cup will
accept up to #16 AWG
stranded wire.
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
JFA2H — JFA2P
Hood and plug
JFA2H
Hood
JFA2S
Receptacle
For applications in electronic and communica-
tions equipment requiring miniature connec-
tors with high current capacity.
Series JFA miniature connectors may be
used in television, radio and communications
equipment. The countersunk side mounting
hole and narrow width permits exceptionally
flat mounting —thereby minimizing connector
protrusion when installed on equipment
J FA-2S
Receptacle
JFA-2P
Plug
JFA-2H
Hood
Physical Data
Number Current Wire
Code
of
Rating
Size
Weight
Number
Contacts Amps A.W.G.
Ozs.
JFA-1P1S
1 Pin
1 Socket
.082
JFA-2PH
2 Pins
13
# 16
.059
JFA-2SH
2 Sockets
.046
(with hoods)
JFA-1S1P
1 Pin
1 Socket
.082
JFA-2P
2 Pins
13
# 16
.059
JFA-2S
2 Sockets
.046
(no-straps-
on hoods)
JFA2H — Hood — used on any of above 3 parts
Mating Combinations
JFA2P
mates with
JFA2S
JFA2PH
mates with
JFA2SH
JFA1P1S-A
mates with
JFA1S1P-A
JFA1P1S-B
mates with
JFA1S1P-B
JFA1P1SH-A
mates with
JFA1S1PH-A
JFA1P1SH-B
mates with
JFA1S1PH-B
JFA Series
Miniature Side Mount / #16 Contacts / .062" Dia. / 13 Amps
RP /
82
www.winconn.com
Specifications
Outline
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com