Electronic Components Datasheet Search
  English  ▼

X  

SME Datasheet(PDF) 71 Page - Winchester Electronics Corporation

Part # SME
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SME Datasheet(HTML) 71 Page - Winchester Electronics Corporation

Back Button SME Datasheet HTML 67Page - Winchester Electronics Corporation SME Datasheet HTML 68Page - Winchester Electronics Corporation SME Datasheet HTML 69Page - Winchester Electronics Corporation SME Datasheet HTML 70Page - Winchester Electronics Corporation SME Datasheet HTML 71Page - Winchester Electronics Corporation SME Datasheet HTML 72Page - Winchester Electronics Corporation SME Datasheet HTML 73Page - Winchester Electronics Corporation SME Datasheet HTML 74Page - Winchester Electronics Corporation SME Datasheet HTML 75Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 93 page
background image
N
Nylon Nut
PM1SLR
Plug with lock ring
PM1PLS
Receptacle with lock spring
H10
Hood
This connector was developed for applications requiring moderately high voltage ratings, this
single contact connector is particularly well adapted to Photo-Flash, Aircraft, Instumentation
and Communications Equipment.
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
PM1PLR- Connector, plug with lock ring
PM1SLS- Connector, receptacle with lock spring
PM1PLS- Connector, plug with lock spring
PM1SLR- Connector, receptacle with lock ring
PM1P-
Connector, plug without vibration lock
PM1S-
Connector, receptacle without vibration lock
Add
H10- to above numbers when ordering hoods
Add
H10C- to above numbers for hood with cable clamp
Add
N-
to above numbers when ordering nylon nut
receptacle with respect to
each other.
Mounting:
Cable or panel mounted. Use
nylon nut applied to either plug
or receptacle.
Lock Ring (and
lock spring): Applied to plug or receptacle.
Prevents connector rotation
on panel and when engaged
with lock spring, prevents
accidental disconnection due
to vibration, etc.
Hood:
Diallyl Phthalate cable hood
Weight in
Ounces:
Receptacle .05, Plug .05,
Washer .005, Hood .07,
Lock Ring .017,
Lock Spring .019, Nut .015
Current Rating: 7.5 amps
No. of
Contacts:
1
Pin Contacts: .040 dia. brass, gold plated
Socket
Contacts:
Phosphor bronze, gold plated
Terminations: .048 solder cup will accept
up to #20 AWG stranded
wire.
Electrical Data: Dielectric withstanding
voltage is one minute
electrification at 5650 VAC.
Dielectric:
Molded Diallyl phthalate per
MIL-M-14, type SDG-F.
Color Gray.
Polarization: Permits one engaging
position only and prevents
rotation of the plug and
H10
Hood
PM1SLRN
Plug with lock ring
PM1PLS
Receptacle with lock spring
.25
.386
Panel Drilling
30O
.125
.048 Dia.
Solder Cup
.68
Hex.
.66
.47
.25
.09
.13
.03
.75
.56
.25
.66
3/8 - 24 UNF - 2THD.
.16
Cable
Opening
.75
.09
*
*
* When ordering hoods
separately specify
P/N
H10T34 or H10CT34
PM6 Series
High Voltage, Single Contact / #20 Contacts / .040" Dia. / 7.5 Amps
RP /
71
www.winconn.com
Outline
Specifications
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com