Electronic Components Datasheet Search
  English  ▼

X  

SME Datasheet(PDF) 52 Page - Winchester Electronics Corporation

Part # SME
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SME Datasheet(HTML) 52 Page - Winchester Electronics Corporation

Back Button SME Datasheet HTML 48Page - Winchester Electronics Corporation SME Datasheet HTML 49Page - Winchester Electronics Corporation SME Datasheet HTML 50Page - Winchester Electronics Corporation SME Datasheet HTML 51Page - Winchester Electronics Corporation SME Datasheet HTML 52Page - Winchester Electronics Corporation SME Datasheet HTML 53Page - Winchester Electronics Corporation SME Datasheet HTML 54Page - Winchester Electronics Corporation SME Datasheet HTML 55Page - Winchester Electronics Corporation SME Datasheet HTML 56Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 93 page
background image
Mounting Plates for External Miniature Rectangular Connectors,
Potting Forms
Potting Form Part No.
(If Ordered Separately)
Dimensions
AB
XMRE 9-0100
.38
.86
XMRE 14-0100
.45
.81
XMRE 18-0100
.56
.86
XMRE 20-0100
.44
1.11
XMRE 26-0100
.56
1.17
XMRE 34-0100
.75
1.39
XMRE 42-0100
.75
1.69
XMRE 50-0100
.75
1.98
XMRE 75-0100
1.11
1.98
Potting Form Part No.
(If Ordered Separately)
Dimensions
AB
XMRA 9-0100
.38
.86
XMRA 14-0100
.45
1.11
* XMRA 20-0100
.44
1.11
XMRA 34-0100
.75
1.39
XMRA 42-0100
.75
1.69
XMRA 50-0100
.75
2.03
XMRA 50-8-0100
1.13
1.72
XMRA 66-0100
1.13
1.72
XMRA 75-0100
1.11
2.03
XMRA 104-0100
1.48
2.08
Potting Forms for External Miniature
Rectangular Connectors
Nylon Potting Forms: Each form matches the
back opening contour of its appropriate shell.
Stays easily in place during the potting
operation. Of negligible weight, the form
need not be removed from the connector after
potting. XMRE and XMRA connector-halves
should always be engaged during the potting
operation to preserve the contact alignment.
Dimensions
Wt.
A
BCD
E
F
G
Oz.
XMRE 9-0010
2.02 1.000
.88
.41
.95
.64
1.58
0.09
XMRE 14-0010
1.95
.937
.81
.47
1.02
.70
1.52
0.10
XMRE 18-0010
2.02 1.000
.88
.59
1.14
.83
1.58
0.11
XMRE 20-0010
2.27 1.250 1.13
.47
1.02
.70
1.83
0.12
XMRE 26-0010
2.33 1.312 1.19
.59
1.14
.83
1.89
0.14
XMRE 34-0010
2.70 1.687 1.44
.75
1.33
1.02
2.27
0.15
XMRE 42-0010
3.02 2.000 1.75
.75
1.33
1.02
2.58
0.16
XMRE 50-0010
3.42 2.281 2.03
.75
1.45
1.14
2.98
0.18
XMRE 75-0010
3.42 2.281 2.03
1.11 1.80
1.48
2.98
0.19
XMRA 50-8-0010 2.98 1.969 1.72
1.13 1.69
1.39
2.55
0.18
XMRA 66-0010
XMRA 104-0010
3.5
2.375 2.13
1.48
2.0
1.81
3.03
0.19
Mounting Plate Part
No. (If Ordered
Separately)
Panel
Cutout
Mounting Plates enable attachment of a connector to a wall, bulkhead, or other supporting
surface. The plate is assembled to the back of a plug or receptacle by employing the same
hardware and/or guides used to retain the insert in the shell; No. 4 machine screws are
then used to mount the complete assembly against the required surface.
Mounting plates are aluminum, anodized to resist corrosion.
*Stepped
construction not
shown or
dimensioned.
Cut-outs to clear
XMRA barriers not
shown.
Dimensions are for reference only and are subject to change. Outline drawings on request.
AA
BB
.50
.025 Typ. Wall Thick
Potting form plan view for 34, 42,
50, 50-8, 66, and 104 contacts
Potting form plan view
for 9 to 26 contacts
A
B
E
F
C
G
D
.06R
.125 Dia.
4 Holes
.16R
Mounting plate plan view for 9 to 26 contacts
.040 Stock
.125 Dia. (66 & 50-8)
.150 Dia. (104)
10 Holes
F
H
D
B
C
G
A
.06R
E
Panel Cut Out
.050 Stock
Mounting Plate Plan View for 50-8, 66 & 104 Contacts
Note: .19R for 104 and .16R for 50-8 & 66 for panel cutout.
H Dimension
50-8 = .250
66 = .250
104 = .437
A
B
C
D
.125 Dia.
12 Holes
E
.117
.383
Panel Cut Out
.040 Stock
G
Left half shows holes for 34, 42, 50 contacts; right half for 75 contacts
only. Each plate is symmetrical about the indicated center line.
.06R
.16R
.23
.125 Dia.
10 Holes
F
XMRA & XMRE Series
Outline Mounting Plates
Dimensions
Outline Potting Forms
Dimensions
RP /
52
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com