Electronic Components Datasheet Search
  English  ▼

X  

LMP7717 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7717
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7717 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LMP7717 Datasheet HTML 26Page - Texas Instruments LMP7717 Datasheet HTML 27Page - Texas Instruments LMP7717 Datasheet HTML 28Page - Texas Instruments LMP7717 Datasheet HTML 29Page - Texas Instruments LMP7717 Datasheet HTML 30Page - Texas Instruments LMP7717 Datasheet HTML 31Page - Texas Instruments LMP7717 Datasheet HTML 32Page - Texas Instruments LMP7717 Datasheet HTML 33Page - Texas Instruments LMP7717 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
RF 1.87 NŸ
+
PD
+
±
RG 187 Ÿ
VCC
VEE
VCC
+
VSOURCE
+
RB 191 Ÿ
VEE
+
V3 2.5 V
VOUT
RG 50 Ÿ
V4 -2.5 V
50 Ÿ input
matching
Gain of -10 V/V
Figure 8-2. Inverting With Input Impedance Matching
Table 8-2. Inverting Recommended Resistor Values
AVERAGE
RF (Ω)
RG (Ω)
EXACT RT
STANDARD RT
INPUT ZI
ACTUAL (V/V)
GAIN (dB)
–6
1180
196
67.1
66.5
49.7
–6.02
15.59
–7
1370
196
67.1
66.5
49.7
–6.99
16.89
–8
1540
191
67.7
68.1
50.2
–8.06
18.13
–9
1690
187
68.2
68.1
49.9
–9.04
19.12
–10
1870
187
68.2
68.1
49.9
–10
20
–11
2050
187
68.2
68.1
49.9
–10.96
20.80
–12
2210
182
68.9
68.1
49.6
–12.14
21.69
–13
2370
182
68.9
68.1
49.6
–13.02
22.29
–14
2550
182
68.9
68.1
49.6
–14.01
22.93
–15
2740
182
68.9
68.1
49.6
–15.05
23.55
–16
2870
178
69.5
69.8
50.1
–16.12
24.15
–17
3090
182
68.9
69.8
50.5
–16.98
24.6
–18
3240
178
69.5
69.8
50.1
–18.20
25.2
–19
3400
178
69.5
69.8
50.1
–19.10
25.62
–20
3570
178
69.5
69.8
50.1
–20.06
26.04
8.1.3 Output DC Error Calculations
The OPA838 can provide excellent DC signal accuracy due to high open-loop gain, high common-mode
rejection, high power-supply rejection, and low input offset voltage and bias current offset errors. To take full
advantage of this low input offset voltage, pay careful attention to input bias current cancellation. The low-noise
input stage for the OPA838 has a relatively high input bias current (1.6 µA typical out the pins) but with a close
match between the two input currents. This is a negative rail input device using PNP input devices where the
base current flows out of the device pins. A large resistor to ground on the V+ input shifts positively because
of the input bias current. The mismatch between the two input bias currents is very low, typically only ±20 nA
of input offset current. Match the DC source impedances out of the two inputs to reduce the total output offset
voltage. For example, one way to add bias current cancellation to the circuit in Figure 7-8 is to insert a 165-Ω
series resistor into the noninverting input to match the parallel combination of RF and RG for this basic gain of
6 V/V noninverting gain circuit. These same calculations apply to the output offset drift. Analyzing the simple
circuit of Figure 7-8, the noise gain for the input offset voltage drift is 1 + 1k / 200 = 6 V/V. This results in an
output drift term of ±1.6 µV/°C × 6 = ±9.6 µV/°C. Because the two impedances out of the inputs are matched, the
residual error due to the maximum ±500 pA/°C offset current drift is exactly that number times the 1-kΩ feedback
resistor value, or ±50 µV/°C. The total output DC error drift band is ±59 µV/°C.
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
www.ti.com
30
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com