Electronic Components Datasheet Search
  English  ▼

X  

LMP7717 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7717
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7717 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMP7717 Datasheet HTML 10Page - Texas Instruments LMP7717 Datasheet HTML 11Page - Texas Instruments LMP7717 Datasheet HTML 12Page - Texas Instruments LMP7717 Datasheet HTML 13Page - Texas Instruments LMP7717 Datasheet HTML 14Page - Texas Instruments LMP7717 Datasheet HTML 15Page - Texas Instruments LMP7717 Datasheet HTML 16Page - Texas Instruments LMP7717 Datasheet HTML 17Page - Texas Instruments LMP7717 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
6.8 Typical Characteristics: VS = 3 V (continued)
at VS+ = 3 V, VS– = 0 V, RF = 1 kΩ, RG = 200 Ω, RL = 2 kΩ, G = 6 V/V, input and output referenced to midsupply, and TA =
25°C (unless otherwise noted)
Frequency (Hz)
-140
-130
-120
-110
-100
-90
-80
10k
100k
1M
HD2, G = 6 V/V
HD3, G = 6 V/V
HD2, G = 6 V/V
HD3, G = 6 V/V
See Figure 8-1, Figure 8-2, Table 8-1, and Table 8-2
Figure 6-31. Harmonic Distortion vs Frequency
RLOAD (:)
-130
-125
-120
-115
-110
-105
-100
-95
-90
-85
100
1k
HD2, 100 kHz, G = 6 V/V
HD3, 100 kHz, G = 6 V/V
HD2, 100 kHz, G = 6 V/V
HD3, 100 kHz, G = 6 V/V
See Figure 8-1, Figure 8-2, Table 8-1, and Table 8-2
Figure 6-32. Harmonic Distortion vs Load
VOPP (V)
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9 2
-130
-125
-120
-115
-110
-105
HD2, 100 kHz, G = 6 V/V
HD3, 100 kHz, G = 6 V/V
HD2, 100 kHz, G = 6 V/V
HD3, 100 kHz, G = 6 V/V
See Figure 8-1, Figure 8-2, Table 8-1, and Table 8-2
Figure 6-33. Harmonic Distortion vs Output Swing
Gain Magnitude (V/V)
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20
-130
-125
-120
-115
-110
-105
HD2, 100 kHz, +Gain
HD3, 100 kHz, +Gain
HD2, 100 kHz, Gain
HD3, 100 kHz, Gain
See Figure 8-1, Figure 8-2, Table 8-1, and Table 8-2
2-kΩ load, 2 VPP
Figure 6-34. Harmonic Distortion vs Gain
VOCM (V)
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
-135
-130
-125
-120
-115
-110
-105
-100
-95
-90
HD2, 100 kHz, G = 6 V/V
HD3, 100 kHz, G = 6 V/V
HD2, 100 kHz, G = 10 V/V
HD3, 100 kHz, G = 10 V/V
See Figure 8-1 and Table 8-1, VO = 1 VPP
Figure 6-35. Noninverting Harmonic Distortion vs Output
Common-Mode Voltage
VOCM (V)
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
-130
-125
-120
-115
-110
-105
HD2, 100 kHz, G = 6 V/V
HD3, 100 kHz, G = 6 V/V
HD2, 100 kHz, G = 10 V/V
HD3, 100 kHz, G = 10 V/V
See Figure 8-2 and Table 8-2, VO = 1 VPP
Figure 6-36. Inverting Harmonic Distortion vs Output Common-
Mode Voltage
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com