Electronic Components Datasheet Search
  English  ▼

X  

LMP7717 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7717
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7717 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LMP7717 Datasheet HTML 23Page - Texas Instruments LMP7717 Datasheet HTML 24Page - Texas Instruments LMP7717 Datasheet HTML 25Page - Texas Instruments LMP7717 Datasheet HTML 26Page - Texas Instruments LMP7717 Datasheet HTML 27Page - Texas Instruments LMP7717 Datasheet HTML 28Page - Texas Instruments LMP7717 Datasheet HTML 29Page - Texas Instruments LMP7717 Datasheet HTML 30Page - Texas Instruments LMP7717 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
7.4.3 Power Shutdown Operation
As noted, the 6-pin packages that offer a power-shutdown feature must have that pin asserted. To retain the
lowest possible shutdown power, no internal pullup resistors are present in the OPA838. The control threshold is
referenced off the negative supply with a nominal internal threshold near 1 V greater than the negative supply.
Worst-case tolerances dictate the required low-level voltage to provide a shutdown of 0.55 V (or less) greater
than the negative supply, and 1.5 V (or more) greater than the negative supply to maintain enabled operation.
The required control pin current is less than ±50 nA. For SOT
‑23‑6 applications that do not require a shutdown
functionality, connect the disable control pin to the positive supply. For SC70 package applications that do not
require a shutdown, use the 5-pin package where the control pad is internally connected to the positive supply.
When disabled, the output nominally goes to a high-impedance state. However, the feedback network provides
a path for discharge for an off-state voltage condition. Figure 6-51 illustrates the turn-on time with a sinusoidal
input that is relatively slow, while Figure 6-52 illustrates the turn-off time is fast. Figure 6-53 and Figure 6-54
illustrate the single-supply operation with a dc input to produce a midsupply output at gains of 6 V/V and 10 V/V.
In all cases, the output voltage transitions to a point close to the positive supply voltage and then moves to the
desired output voltage 0.5 µs to 1.5 µs after the disable control line goes high. The supply current in shutdown is
a low 0.1 µA nominally with a maximum 1 µA.
www.ti.com
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com