Electronic Components Datasheet Search
  English  ▼

X  

LMP7717 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7717
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7717 Datasheet(HTML) 3 Page - Texas Instruments

  LMP7717 Datasheet HTML 1Page - Texas Instruments LMP7717 Datasheet HTML 2Page - Texas Instruments LMP7717 Datasheet HTML 3Page - Texas Instruments LMP7717 Datasheet HTML 4Page - Texas Instruments LMP7717 Datasheet HTML 5Page - Texas Instruments LMP7717 Datasheet HTML 6Page - Texas Instruments LMP7717 Datasheet HTML 7Page - Texas Instruments LMP7717 Datasheet HTML 8Page - Texas Instruments LMP7717 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
5 Pin Configuration and Functions
1
2
3
6
4
VOUT
VS-
VS+
VIN+
VIN-
5
PD
Figure 5-1. DBV Package. 6-Pin SOT-23
and DCK Package, 6-Pin SC70
(Top View)
1
2
3
5
4
VOUT
VS-
VS+
VIN+
VIN-
Figure 5-2. DCK Package, 5-Pin SC70 (Top View)
1
VS–
2
VS+
3
PD
5
VIN+
6
VIN–
7
VOUT
Not to scale
Figure 5-3. DXB (Preview) Package, 8-Pin X2QFN (Top View)
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
DBV (SOT-23),
DCK (SC70, 6)
DCK (SC70, 5)
DXB (X2QFN)
NC
—
—
4, 8
NC
No connect pin. This pin is not internally connected.
PD
5
—
3
Input/
Output
Amplifier power down.
Low = disabled, high = normal operation (pin must be driven).
VIN–
4
4
6
Input/
Output
Inverting input pin
VIN+
3
3
5
Input/
Output
Noninverting input pin
VOUT
1
1
7
Input/
Output
Output pin
VS–
2
2
1
Power
Negative power-supply pin
VS+
6
5
2
Power
Positive power-supply input
www.ti.com
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com