Electronic Components Datasheet Search
  English  ▼

X  

LMP7717 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7717
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7717 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMP7717 Datasheet HTML 8Page - Texas Instruments LMP7717 Datasheet HTML 9Page - Texas Instruments LMP7717 Datasheet HTML 10Page - Texas Instruments LMP7717 Datasheet HTML 11Page - Texas Instruments LMP7717 Datasheet HTML 12Page - Texas Instruments LMP7717 Datasheet HTML 13Page - Texas Instruments LMP7717 Datasheet HTML 14Page - Texas Instruments LMP7717 Datasheet HTML 15Page - Texas Instruments LMP7717 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
6.8 Typical Characteristics: VS = 3 V
at VS+ = 3 V, VS– = 0 V, RF = 1 kΩ, RG = 200 Ω, RL = 2 kΩ, G = 6 V/V, input and output referenced to midsupply, and TA =
25°C (unless otherwise noted)
Frequency (MHz)
-15
-12
-9
-6
-3
0
3
6
0.1
1
10
100
D019
Gain = 6 V/V
Gain = 10 V/V
Gain = 20 V/V
Gain = 50 V/V
See Figure 8-1 and Table 8-1
Figure 6-19. Noninverting Small-Signal Response vs Gain
Frequency (MHz)
-15
-12
-9
-6
-3
0
3
6
0.1
1
10
100
Gain = 6 V/V
Gain = 10 V/V
Gain = 20 V/V
Gain = 50 V/V
See Figure 8-2 and Table 8-2
Figure 6-20. Inverting Small-Signal Response vs Gain
Frequency (MHz)
0
3
6
9
12
15
18
0.1
1
10
100
VO = 200 mVPP
VO = 500 mVPP
VO = 1 VPP
VO = 2 VPP
See Figure 8-1 (AV = 6 V/V)
Figure 6-21. Noninverting Large-Signal Bandwidth vs VOPP
Frequency (MHz)
0
3
6
9
12
15
18
0.1
1
10
100
VO = 200 mVPP
VO = 500 mVPP
VO = 1 VPP
VO = 2 VPP
See Figure 8-2 (AV = –6 V/V)
Figure 6-22. Inverting Large-Signal Bandwidth vs VOPP
Frequency (MHz)
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.1
1
10
100
D023
Gain = 6 V/V
Gain = 10 V/V
Gain = 20 V/V
See Figure 8-1 and Table 8-1 (VO = 200 mVPP, R LOAD = 2 kΩ)
Figure 6-23. Noninverting Response Flatness vs Gain
Frequency (MHz)
-1.8
-1.4
-1
-0.6
-0.2
0.2
0.6
1
1.4
1.8
0.1
1
10
100
Gain = 6 V/V
Gain = 10 V/V
Gain = 20 V/V
See Figure 8-2 and Table 8-2 (VO = 200 mVPP, R LOAD = 2 kΩ)
Figure 6-24. Inverting Response Flatness vs Gain
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com