Electronic Components Datasheet Search
  English  ▼

X  

LMP7717 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7717
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7717 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMP7717 Datasheet HTML 18Page - Texas Instruments LMP7717 Datasheet HTML 19Page - Texas Instruments LMP7717 Datasheet HTML 20Page - Texas Instruments LMP7717 Datasheet HTML 21Page - Texas Instruments LMP7717 Datasheet HTML 22Page - Texas Instruments LMP7717 Datasheet HTML 23Page - Texas Instruments LMP7717 Datasheet HTML 24Page - Texas Instruments LMP7717 Datasheet HTML 25Page - Texas Instruments LMP7717 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
Operating the OPA838 in inverting mode with higher RF values increases response peaking due to the loss of
phase margin effect. In the inverting case, a pair of capacitors can flatten the response at the cost of lower
closed-loop bandwidth. Figure 7-4 shows an example with a 20-kΩ RF value at an inverting gain of –5 V/V
(noise gain = 6 V/V) with optional capacitors (CF and C G ). Figure 7-4 shows optional bias current cancellation
elements on the noninverting input. The total resistance value matches the parallel combination of RG || R F ,
which reduces the DC output error term due to bias current to IOS × RF. The 10-nF capacitor is added across
the larger part of this bias current canceling resistance to filter noise and the 20 Ω is split out to isolate the
capacitor self resonance from the noninverting input. Figure 7-5 illustrates the small-signal response shape with
and without these capacitors. The feedback capacitor (CF), is selected to set a desired closed-loop bandwidth
with RF. CG is added to ground to shape the noise gain up over frequency to be greater than or equal to 6 V/V
at higher frequencies. In this example, that higher frequency noise gain is 1 + 6 / 1.2 = 6 V/V, adding the 1-pF
device common-mode capacitance to the external 5 pF. Using the capacitors to set the feedback ratio removes
the pole produced in the feedback driving from purely resistive source to the inverting parasitic capacitance.
RF 20 NŸ
+
PD
+
±
RG 4.02 NŸ
RG 4.02 Ÿ
V
VOUT
VEE
VCC
VEE
VCC
V1 2.5 V
V2 ±2.5 V
+
+
+
Bias current
cancellation with
resistor noise
filtering
Inverting with
High Rf values
CG 5 pF
RM 3.24 NŸ
C1 10n
Input
CF 1.2 pF
Figure 7-4. G = –5 V/V With Optional Compensation
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
6
9
12
15
18
10k
100k
1M
10M
100M
D070
No caps
With caps
Figure 7-5. Inverting Response With and Without Compensation
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com