Electronic Components Datasheet Search
  English  ▼

X  

LMP7717 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7717
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7717 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LMP7717 Datasheet HTML 31Page - Texas Instruments LMP7717 Datasheet HTML 32Page - Texas Instruments LMP7717 Datasheet HTML 33Page - Texas Instruments LMP7717 Datasheet HTML 34Page - Texas Instruments LMP7717 Datasheet HTML 35Page - Texas Instruments LMP7717 Datasheet HTML 36Page - Texas Instruments LMP7717 Datasheet HTML 37Page - Texas Instruments LMP7717 Datasheet HTML 38Page - Texas Instruments LMP7717 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
8.2.2.2 Detailed Design Procedure
The primary design requirement is to set the achievable transimpedance gain and compensate the operational
amplifier with CF for the desired response shape. A detailed transimpedance design methodology is available
in Transimpedance Considerations for High-Speed Amplifiers. With a source capacitance set and the amplifier
selected to provide a particular gain bandwidth product, the achievable transimpedance gain and resulting
Butterworth bandwidth are tightly coupled as Equation 5 illustrates. Use Equation 6 to solve for a maximum RF
value. When the RF is selected, the feedback pole is set by Equation 7 to be at 0.707 of the characteristic
frequency. At that compensation point, the closed-loop bandwidth is that characteristic frequency with a
Butterworth response.
• With the 100-pF source capacitance, 300-MHz gain bandwidth product, and the 2.2-MHz closed-loop
bandwidth target in the transimpedance stage, solve Equation 6 for a maximum gain of 100 kΩ.
• Set the feedback pole at 0.707 times that 2.2-MHz Butterworth bandwidth. This sets the target 1 / (2π × R F ×
CF) = 1.55 MHz. Solving for CF sets the target to 1 pF
• If dc precision is desired, add a 100-kΩ resistor to ground on the noninverting input. If DC precision is not
required, ground the noninverting input
• Add a resistor noise filtering capacitor in parallel with the 100-kΩ resistor.
• Add a small series resistor isolating this capacitor from the noninverting input.
• Select a final filter capacitor for the load. (In this example, a value of 2.2 nF is used as a typical SAR input
capacitor.)
• Add a series resistor to the final filter capacitor to form a 1-MHz pole. In this example, that is 73.2 Ω.
• Confirm this resistor is greater than the minimum recommended value illustrated in Figure 6-49.
¦
3dB
S
GBP
F
2 R C
|
S
(5)
¦ PD[
2
3dB
S
GBP
R
F
2 C
|
S
(6)
¦
S
¦
¦
1
GBP
0.707
2 R C
2 R C
u
S
S
(7)
Implementing this design and simulating the performance using the TINA model for the response to the output
pin and to the final capacitive load shows the expected results of Figure 8-8. Here, the exact 2.2-MHz flat
Butterworth response to the output pin is shown with the final single pole rolloff at 1 MHz at the final 2.2-nF
capacitor.
8.2.2.3 Application Curve
Frequency (MHz)
73
76
79
82
85
88
91
94
97
100
103
0.001
0.01
0.1
1
10
D075
Gain output pin
Gain Load (dB)
Figure 8-8. Small-Signal Response for 100-kΩ Transimpedance Gain
www.ti.com
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com