Electronic Components Datasheet Search
  English  ▼

X  

LMP7717 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7717
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7717 Datasheet(HTML) 5 Page - Texas Instruments

  LMP7717 Datasheet HTML 1Page - Texas Instruments LMP7717 Datasheet HTML 2Page - Texas Instruments LMP7717 Datasheet HTML 3Page - Texas Instruments LMP7717 Datasheet HTML 4Page - Texas Instruments LMP7717 Datasheet HTML 5Page - Texas Instruments LMP7717 Datasheet HTML 6Page - Texas Instruments LMP7717 Datasheet HTML 7Page - Texas Instruments LMP7717 Datasheet HTML 8Page - Texas Instruments LMP7717 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
6.5 Electrical Characteristics VS = 5 V
at VS+ = 5 V, VS– = 0 V, RF = 1 kΩ, RG = 200 Ω, RL = 2 kΩ, G = 6 V/V, input and output referenced to midsupply, and
TA ≈ 25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
AC PERFORMANCE
SSBW
Small-signal bandwidth
VOUT = 20 mVPP, G = 6, (peaking < 4 dB)
75
90
MHz
C
VOUT = 20 mVPP, G = 10, RF = 1.6 kΩ
50
C
VOUT = 20 mVPP, G = 100, RF = 16.9 kΩ
3
C
GBP
Gain-bandwidth product
VOUT = 20 mVPP, G = 100
240
300
MHz
C
LSBW
Large-signal bandwidth
VOUT = 2 VPP, G = 6
45
MHz
C
Bandwidth for 0.1-dB flatness
VOUT = 200 mVPP, G = 6
10
MHz
C
SR
Slew rate
From LSBW(2)
250
350
V/µs
C
Overshoot, undershoot
VOUT = 2-V step, G = 6, input tR = 12 ns
1%
2%
C
tR, tF
Rise, fall time
VOUT = 2-V step, G = 6, RL = 2 kΩ,
input tR = 12 ns
12.5
13
ns
C
Settling time to 0.1%
VOUT = 2-V step, G = 6, input tR = 12 ns
30
ns
C
Settling time to 0.01%
VOUT = 2-V step, G = 6, input tR = 12 ns
40
ns
C
HD2
Second-order harmonic distortion
f = 100 kHz, VO = 4 VPP, G = 6 (see Figure 8-1)
–110
dBc
C
HD3
Third-order harmonic distortion
f = 100 kHz, VO = 4 VPP, G = 6 (see Figure 8-1)
–120
dBc
C
Input voltage noise
f > 1 kHz
1.8
nV/√Hz
C
Voltage noise 1/f corner frequency
100
Hz
C
Input current noise
f > 100 kHz
1
pA/√Hz
C
Current noise 1/f corner frequency
7
kHz
C
Overdrive recovery time
G = 6, 2 x output overdrive, dc-coupled
50
ns
C
Closed-loop output impedance
f = 1 MHz, G = 6
0.3
Ω
C
DC PERFORMANCE
AOL
Open-loop voltage gain
VO = ±2 V, RL = 2 kΩ
120
125
dB
A
Input-referred offset voltage
TA ≈ 25°C (DXB package)
–150
±15
150
µV
A
TA ≈ 25°C
–125
±15
125
A
TA = 0°C to 70°C
–165
±15
200
B
TA = –40°C to +85°C
–230
±15
220
B
TA = –40°C to +125°C
–230
±15
285
B
Input offset voltage drift(5)
TA = –40°C to +125°C(4)
–1.6
±0.4
1.6
µV/°C
B
Input bias current(3)
TA ≈ 25°C
0.7
1.5
2.8
µA
A
TA = 0°C to 70°C
0.2
1.5
3.5
B
TA = –40°C to +85°C
0.2
1.5
3.7
B
TA = –40°C to +125°C
0.2
1.5
4.4
B
Input bias current drift(5)
TA = –40°C to +125°C
4.5
7.8
17
nA/°C
B
Input offset current
TA ≈ 25°C (DXB package)
–100
±20
100
nA
A
TA ≈ 25°C
–70
±20
70
A
TA = 0°C to 70°C
–83
±20
93
B
TA = –40°C to +85°C
–105
±20
100
B
TA = –40°C to +125°C
–105
±20
120
B
Input offset current drift(5)
TA = –40°C to +125°C
–500
±40
500
pA/°C
B
www.ti.com
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com