Electronic Components Datasheet Search
  English  ▼

X  

LMP7717 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7717
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7717 Datasheet(HTML) 53 Page - Texas Instruments

Back Button LMP7717 Datasheet HTML 48Page - Texas Instruments LMP7717 Datasheet HTML 49Page - Texas Instruments LMP7717 Datasheet HTML 50Page - Texas Instruments LMP7717 Datasheet HTML 51Page - Texas Instruments LMP7717 Datasheet HTML 52Page - Texas Instruments LMP7717 Datasheet HTML 53Page - Texas Instruments LMP7717 Datasheet HTML 54Page - Texas Instruments LMP7717 Datasheet HTML 55Page - Texas Instruments LMP7717 Datasheet HTML 56Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.22
0.08
TYP
0.15
2.4
1.8
4X 0.65
1.1
0.8
0.1
0.0
TYP
6X
0.30
0.15
NOTE 5
0.46
0.26
TYP
8
0
TYP
1.3
4X 0 -12
4X 4 -14
A
2.15
1.85
B
1.4
1.1
SOT - 1.1 max height
DCK0006A
SMALL OUTLINE TRANSISTOR
4214835/C 08/2024
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Body dimensions do not include mold flash or protrusion. Mold flash and protrusion shall not exceed 0.15 per side.
4. Falls within JEDEC MO-203 variation AB.
1
3
4
6
2
INDEX AREA
PIN 1
NOTE 5
0.1
C A B
GAGE PLANE
SEATING PLANE
0.1 C
SCALE 5.600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com