Electronic Components Datasheet Search
  English  ▼

X  

LMP7717 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7717
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7717 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LMP7717 Datasheet HTML 22Page - Texas Instruments LMP7717 Datasheet HTML 23Page - Texas Instruments LMP7717 Datasheet HTML 24Page - Texas Instruments LMP7717 Datasheet HTML 25Page - Texas Instruments LMP7717 Datasheet HTML 26Page - Texas Instruments LMP7717 Datasheet HTML 27Page - Texas Instruments LMP7717 Datasheet HTML 28Page - Texas Instruments LMP7717 Datasheet HTML 29Page - Texas Instruments LMP7717 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
If ac-coupling is acceptable, a simple way to operate single-supply is to run inverting. Figure 7-12 shows a
low-power, high-gain example. In this example, a gain of –20 V/V is implemented (inverting usually does not
matter for ac-coupled channels) where the V+ input is biased midscale. This example is showing an optional
bias-current cancellation setup, which is not necessary unless the output dc level requires good accuracy. The
parallel combination of the divider resistors plus the 80.7
‑Ω isolating resistor match the feedback resistor value.
With the blocking capacitor at the inverting input, the feedback resistor impedance must be matched to achieve
bias current cancellation. In this 3-V supply example, the two inputs and the output are biased at 1.5 V. This
places the input pins in range and centers the output for maximum V PP available. Figure 7-13 illustrates the
small-signal response for this example showing a f–3dB range from a low-end cutoff of 887 Hz set by the input
capacitor value to a 17.5-MHz high-frequency cutoff.
RF 3.57 NŸ
+
1.5 V
DC Out
PD
+
±
RG 178 Ÿ
V
U1 OPA838
VM1
C1 1 µF
VCC
VCC
V1 3 V
+
+
C2 1µF
Riso 80.6
RB1 6.98 NŸ
+
VG1
887 Hz to
17.5 Mhz gain
of -20 V/V
Figure 7-12. Single-Supply Inverting Gain Stage With AC-Coupled Input
Frequency (Hz)
12
15
18
21
24
27
100
1k
10k
100k
1M
10M
100M
D069
D069
Output
Figure 7-13. Inverting Single-Supply Response With AC-Coupled Input
These are only two of the many ways a single-supply design can be implemented. Many other methods exist,
where using a dc reference voltage or ac-coupling are common. A good compilation of options can be found in
Single-Supply Op Amp Design Techniques.
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com