Electronic Components Datasheet Search
  English  ▼

X  

LMP7717 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7717
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7717 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP7717 Datasheet HTML 6Page - Texas Instruments LMP7717 Datasheet HTML 7Page - Texas Instruments LMP7717 Datasheet HTML 8Page - Texas Instruments LMP7717 Datasheet HTML 9Page - Texas Instruments LMP7717 Datasheet HTML 10Page - Texas Instruments LMP7717 Datasheet HTML 11Page - Texas Instruments LMP7717 Datasheet HTML 12Page - Texas Instruments LMP7717 Datasheet HTML 13Page - Texas Instruments LMP7717 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
6.7 Typical Characteristics: VS = 5 V (continued)
at VS+ = 5 V, VS– = 0 V, RF = 1 kΩ, RG = 200 Ω, RL = 2 kΩ, G = 6 V/V, input and output referenced to midsupply, and TA ≈
25°C (unless otherwise noted)
Time (nsec)
20
70
120
170
220
260
-2.25
-1.75
-1.25
-0.75
-0.25
0.25
0.75
1.25
1.75
2.25
VO = r0.25 V
VO = r0.5 V
VO = r1 V
VO = r2 V
See Figure 8-1 (gain of 6 V/V)
Figure 6-7. Noninverting Step Response vs VOPP
Time (nsec)
20
70
120
170
220
260
-2.25
-1.75
-1.25
-0.75
-0.25
0.25
0.75
1.25
1.75
2.25
VO = r0.25 V
VO = r0.50 V
VO = r1 V
VO = r2 V
See Figure 8-2 (gain of –6 V/V)
Figure 6-8. Inverting Step Response vs VOPP
Time from Input Step (nsec)
0
10
20
30
40
50
60
70
80
90
100
-0.012
-0.01
-0.008
-0.006
-0.004
-0.002
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
AV = 6, 500-mV Step, TR = 3 ns
AV = 6, 2-V Step, TR = 12 ns
AV = 10, 500-mV Step, TR = 3 ns
AV = 10, 2-V Step, TR = 12 ns
See Figure 8-1 and Table 8-1
Figure 6-9. Simulated Noninverting Settling Time
Time from Input Step (nsec)
0
20
40
60
80
100
-0.006
-0.004
-0.002
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
AV = 6, 500-mV Step, TR = 3 ns
AV = 6 , 2-V Step, TR = 12 ns
AV = 10 , 500-mV Step, TR = 3 ns
AV = 10 , 2-V Step, TR = 12 ns
See Figure 8-2 and Table 8-2
Figure 6-10. Simulated Inverting Settling Time
Time (nsec)
50
250
450
650
850
1050
1250
1450
-5
-4
-3
-2
-1
0
1
2
3
4
5
D011
VIN u 10 gain
VOUT (AV = 10)
VIN u 6 gain
VOUT (AV = 6)
See Figure 8-1 and Table 8-1
Figure 6-11. Noninverting Overdrive Recovery
Time (nsec)
50
250
450
650
850
1050
1250
1450
-5
-4
-3
-2
-1
0
1
2
3
4
5
D012
VIN u 10 gain
VOUT (AV = 10)
VIN u 6 gain
VOUT (AV = 6)
See Figure 8-2 and Table 8-2
Figure 6-12. Inverting Overdrive Recovery
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com