Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830 Datasheet(HTML) 31 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 27Page - Texas Instruments OPA830 Datasheet HTML 28Page - Texas Instruments OPA830 Datasheet HTML 29Page - Texas Instruments OPA830 Datasheet HTML 30Page - Texas Instruments OPA830 Datasheet HTML 31Page - Texas Instruments OPA830 Datasheet HTML 32Page - Texas Instruments OPA830 Datasheet HTML 33Page - Texas Instruments OPA830 Datasheet HTML 34Page - Texas Instruments OPA830 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
8.1.4 Output Noise Calculations
The decompensated voltage feedback of the OPA838 op amp offers among the lowest input voltage and current
noise terms for any device with a supply current less than 1 mA. Figure 8-3 shows the op amp noise analysis
model that includes all noise terms. In this model, all the noise terms are shown as noise voltage or current
density terms in nV/√Hz or pA/√Hz.
OPA838
EO
RS
ENI
IBN
RG
RF
IBI
S
4kTR
F
4kTR
4kT = 1.6E ± 20J
at 290° K
G
4kT
R
ERS
+
Figure 8-3. Op-Amp Noise-Analysis Model
The total output spot noise voltage is computed as the square root of the squared contributing terms to the
output noise voltage. This computation is adding all the contributing noise powers at the output by superposition,
then taking the square root to return to a spot noise voltage. Equation 3 shows the general form for this output
noise voltage using the terms presented in Figure 8-3.
2
2
2
O
NI
BN
S
S
BI
F
F
E
E
I
R
4kTR
NG
I R
4kTR NG
ª
º
¬
¼
(3)
Dividing this expression by the noise gain (NG = 1 + RF / RG) gives the equivalent input-referred spot noise
voltage at the noninverting input, as shown in Equation 4.
2
2
2
BI
F
F
N
NI
BN
S
S
I R
4kTR
E
E
I
R
4kTR
NG
NG
§
·
¨
¸
©
¹
(4)
Using the resistor values shown in Table 8-1 with RS = 0 Ω results in a constant input-referred voltage noise of
2.86 nV/√Hz. Reducing the resistor values brings this number closer to the intrinsic 1.9 nV/√Hz of the OPA838.
Adding RS for bias current cancellation in noninverting mode adds the noise from RS to the total output noise;
see Equation 3. In inverting mode, bypass the RS bias-current cancellation resistor with a capacitor for the best
noise performance.
8.2 Typical Applications
8.2.1 High-Gain Differential I/O Designs
A high-gain differential-to-differential I/O circuit can be used to drive a second-stage FDA or a differential-to-
single-ended stage. This circuit is frequently used in applications where high input impedance is required (for
example, if the source cannot be loaded). Figure 8-3 illustrates an example design where the differential gain
is 41 V/V. An added element between the two RG resistors increases the noise gain for the common-mode
feedback. Make sure to provision for the added element; otherwise, a decompensated VFA (such as the
OPA838) often oscillates. With only the RG elements in the differential I/O design, the common-mode feedback
is unity-gain and often causes high-frequency, common-mode oscillations. To resolve this issue, split the RG
www.ti.com
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com