Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830 Datasheet(HTML) 28 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 24Page - Texas Instruments OPA830 Datasheet HTML 25Page - Texas Instruments OPA830 Datasheet HTML 26Page - Texas Instruments OPA830 Datasheet HTML 27Page - Texas Instruments OPA830 Datasheet HTML 28Page - Texas Instruments OPA830 Datasheet HTML 29Page - Texas Instruments OPA830 Datasheet HTML 30Page - Texas Instruments OPA830 Datasheet HTML 31Page - Texas Instruments OPA830 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
8.1.1 Noninverting Amplifier
The OPA838 can be used as noninverting amplifier with signal input to the noninverting input (VIN+). Figure 7-1
illustrates a basic block diagram of the circuit. VREF is often ground when split supplies are used.
If VIN = VREF + VSIG, and the gain setting resistor (RG) is dc referenced to VREF, use Equation 1 to calculate the
output of the amplifier.
æ
ö
ç
÷
è
ø
F
SIG
REF
G
R
V
= V
1 +
+ V
OUT
R
(1)
The noninverting signal gain (also called the noise gain) of the circuit is set by:
F
G
R
G = 1 +
R
VREF provides a reference around which the input and output signals swing. Output signals are in-phase with
the input signals within the flat portion of the frequency response. For a high-speed, low-noise device like the
OPA838, the values selected for RF (and the RG for the desired gain) can strongly influence the operation of the
circuit. For the characteristic curves, the noninverting circuit of Figure 8-1 shows the test configuration. Table 8-1
lists the recommended resistor values over gain.
+
PD
+
±
VCC
VEE
VCC
+
+
RS 50 Ÿ
Network
Analyzer
VEE
V2 -2.5 V
+
V1 2.5 V
+
V
RT 50 Ÿ
R6 51.1 Ÿ
RLOAD 50 Ÿ
R3 1.96 NŸ
VM1
Æ 2 NŸ ORDG
50 Ÿ
Cable
50 Ÿ
Cable
Å 50 Ÿ VRXUFH
Network
Analyzer
RG 200 Ÿ
RF 1 NŸ
Figure 8-1. Noninverting Characterization Circuit
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com