Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830 Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 21Page - Texas Instruments OPA830 Datasheet HTML 22Page - Texas Instruments OPA830 Datasheet HTML 23Page - Texas Instruments OPA830 Datasheet HTML 24Page - Texas Instruments OPA830 Datasheet HTML 25Page - Texas Instruments OPA830 Datasheet HTML 26Page - Texas Instruments OPA830 Datasheet HTML 27Page - Texas Instruments OPA830 Datasheet HTML 28Page - Texas Instruments OPA830 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
7.4.2 Single-Supply Operation (2.7 V to 5.4 V)
Most newer systems use a single power supply to improve efficiency and to simplify power supply design. The
OPA838 can be used with single-supply power (ground for the negative supply) with no change in performance
from split supply, as long as the input and output pins are biased within the linear operating region of the device.
The outputs nominally swing rail-to-rail with approximately a 100-mV headroom required for linear operation.
The inputs can swing below the negative rail (typically ground) and to within 1.3 V of the positive supply. For
dc-coupled, single-supply operation, the higher-gain operating applications typical of a decompensated op amp
keep the input swings less than the input swing limit to the positive supply. Typically, the 1.3-V input headroom
required to the positive supply does not limit operation.
Figure 7-10 shows an example design that takes a 0
‑V to 0.5‑V input range, level shifts the output up to 0.15 V
for a 0
‑V input using the 4.5‑V reference voltage common for 5‑V SAR ADCs, and sets the gain to produce a
4.1
‑V output swing for the 0.5‑V input swing. This example assumes a 0‑Ω source that is required to sink the
39 µA required to bias the positive input pin to produce the 0.15
‑V output for a 0‑V input. The RF and RG values
are scaled down slightly to provide bias current cancellation by matching the parallel combination of the two bias
set-up resistors on the noninverting input. Figure 7-11 illustrates an example step response for this circuit that
produces an output from 0.15 V for a 0-V input to 4.35 V for a 0.5-V input.
RF 1 NŸ
+
PD
+
±
RG 56.2 Ÿ
VCC
VCC
+
VG1
+
RB2 49.9 Ÿ
VREF
VREF
V1 4.5 V
+
VCC 5 V
VOUT
0 V to 0.5 V
Input Swing
Figure 7-10. DC-Coupled, Single-Supply, Noninverting Interface With Output Level Shift
Time (µsec)
0
0.02 0.04 0.06 0.08
0.1
0.12 0.14 0.16 0.18
0.2
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
D065
Input
Output
Figure 7-11. Unipolar Input to Level Shifted Output Step Response
www.ti.com
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com