Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830 Datasheet(HTML) 33 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 29Page - Texas Instruments OPA830 Datasheet HTML 30Page - Texas Instruments OPA830 Datasheet HTML 31Page - Texas Instruments OPA830 Datasheet HTML 32Page - Texas Instruments OPA830 Datasheet HTML 33Page - Texas Instruments OPA830 Datasheet HTML 34Page - Texas Instruments OPA830 Datasheet HTML 35Page - Texas Instruments OPA830 Datasheet HTML 36Page - Texas Instruments OPA830 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
8.2.1.2 Detailed Design Procedure
• Set the total R G value near the high gain values using Table 8-1. This 178-Ω total must be split for a center
tap to increase the common-mode noise gain, as shown by the 88.7-Ω value in Figure 8-4.
• Set RF using a standard value near the calculated from solving Equation 1 using half of the total RG value.
• Simulate the common-mode noise with different elements on the RG center tap as shown in Figure 8-5.
Decide which is most appropriate to the application.
The common-mode loop instability without the RG center tap is not often apparent in the closed-loop differential
simulations. The common-mode loop instability without the RG center tap can often be detected in a common-
mode output-noise simulation as Figure 8-5 shows. Grounding the inputs Figure 8-4 and running an output-noise
simulation for the common-mode tap point in Figure 8-3 shows a peaking in the noise at high frequency. This
peaking indicates low-phase margin for the common-mode loop. Figure 8-5 shows this peaking in the lowest
noise curve, with two options for improving phase margin. The first option used in Figure 8-4 is a capacitor to
ground set to increase the common-mode noise gain only at higher frequencies. This increase can be seen by
the peaking in the common-mode noise of Figure 8-5. Another alternative is to provide a dc voltage reference
on the RG center tap. This method raises the common-mode noise gain from dc and beyond. Neither of these
latter two options show any evidence of low phase-margin peaking. These two options do increase the output
common-mode noise significantly at lower frequencies. Typically, an increase in output common-mode noise is
more acceptable than low-phase margin because the next stage (FDA, ADC, differential to single stage) rejects
common-mode noise.
Using the 10-nF center tap capacitor, Figure 8-6 shows the differential I/O small-signal response showing the
expected 300 MHz / 41 ≈ 7.3 MHz closed-loop bandwidth. The capacitor to ground between the RG elements
does not impact the differential frequency response.
8.2.1.3 Application Curves
Frequency (Hz)
0
20
40
60
80
100
120
140
160
180
10k
100k
1M
10M
100M
Diff
No center tap
10 nF
Ground
Figure 8-5. Common-Mode Output Noise for
Differential I/O Design
Frequency (MHz)
12
15
18
21
24
27
30
33
1
10
100
D074
Figure 8-6. Differential Small-Signal Frequency
Response
www.ti.com
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com