Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830 Datasheet(HTML) 34 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 30Page - Texas Instruments OPA830 Datasheet HTML 31Page - Texas Instruments OPA830 Datasheet HTML 32Page - Texas Instruments OPA830 Datasheet HTML 33Page - Texas Instruments OPA830 Datasheet HTML 34Page - Texas Instruments OPA830 Datasheet HTML 35Page - Texas Instruments OPA830 Datasheet HTML 36Page - Texas Instruments OPA830 Datasheet HTML 37Page - Texas Instruments OPA830 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
8.2.2 Transimpedance Amplifier
A common application for a high-gain-bandwidth voltage-feedback op amp is to amplify a small photodiode
current from a capacitive detector. Figure 8-7 shows the front-page transimpedance circuit with more detail.
Here, a fixed –0.23 negative voltage generator (LM7705) is used on the negative supply to make sure the output
has adequate headroom when the output is at 0 V. The transimpedance stage is designed here for a 2.4
‑MHz
flat (Butterworth) response while a simple RC post-filter band-limits the broadband noise and sets the overall
bandwidth to 1 MHz. The requirements for a high-dynamic-range transimpedance (or charge) amplifier include
the very low input voltage noise intrinsic to a decompensated device like the OPA838. The noise gain over
frequency for this type of circuit starts out at unity gain, and then begins to peak with a single zero response.
This peaking is due to the pole formed in the feedback by the feedback resistor and the total capacitance on the
inverting input. That noise gain response is flattened out at higher frequencies by the feedback capacitor value to
be the 1 + CS / CF capacitor ratio. This noise gain is normally a very high, allowing the decompensated OPA838
to be applied to this application. The noise gain is intentionally peaked to a high value in this application;
therefore, the very low input voltage noise (1.8 nV/√Hz) of the OPA838 improves dynamic range.
RF100 k
CF1.0 pF
Bias Current
Cancellation
and R-noise
filtering
2.4-Mhz
Butterworth
+
1-MHz
Low Pass
PD
+
±
VOUT
U1 OPA838
VM1
IDIODE
VEE
VCC
VEE
VCC
V1 3 V
LM7805 ± 230 mV
+
+
R1 20
R2 73.2
Figure 8-7. 100-kΩ Wide Bandwidth Transimpedance Design
8.2.2.1 Design Requirements
To implement a controlled frequency response transimpedance design, set the transimpedance stage amplifier
bandwidth higher than a controlled post RC filter. This allows variation in the source capacitance and amplifier
gain bandwidth product with less overall bandwidth variation to the final output. In this example design:
• Assume a nominal source capacitance value of 100 pF. This normally comes from the capacitance versus
reverse bias plot for the photodiode. No reverse bias is illustrated in Figure 8-8, but the current source is
typically a back biased diode with a negative supply on the anode and the cathode connected to the op amp
inverting input. In this polarity, the signal current sinks into the diode and raises the op amp output voltage
above ground.
• For the best dc precision, add a matching resistor on the noninverting input to reduce the input bias current
error to IOS × RF. This resistor adds to the input voltage noise; TI recommends bypassing that resistor with
as large as a capacitor as required to roll off resistor noise. This capacitor has a relatively low frequency self
resonance that interacts with the input stage and can impair stability. Add a small series 20
‑Ω resistor from
the capacitor into the noninverting input to de-Q the resonant source impedance without adding too much
noise.
• Set the feedback capacitor to achieve the desired frequency response shape.
• Add a post RC filter to control the overall bandwidth to 1 MHz. In this example, a 2.2
‑nF capacitor allows
a low 73.2
‑Ω series resistor. When driving a sampling ADC (like a SAR), this combination helps reduce the
sampling glitch and speed settling time.
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
www.ti.com
34
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com