Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 11Page - Texas Instruments OPA830 Datasheet HTML 12Page - Texas Instruments OPA830 Datasheet HTML 13Page - Texas Instruments OPA830 Datasheet HTML 14Page - Texas Instruments OPA830 Datasheet HTML 15Page - Texas Instruments OPA830 Datasheet HTML 16Page - Texas Instruments OPA830 Datasheet HTML 17Page - Texas Instruments OPA830 Datasheet HTML 18Page - Texas Instruments OPA830 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
6.9 Typical Characteristics: Over Supply Range
at PD = VS+ and TA = 25°C (unless otherwise noted)
Frequency (Hz)
-10
-280
0
-260
10
-240
20
-220
30
-200
40
-180
50
-160
60
-140
70
-120
80
-100
90
-80
100
-60
110
-40
120
-20
130
0
140
20
10
100
1k
10k
100k
1M
10M
100M
1G
5-V Gain
5-V Phase
3-V Gain
3-V Phase
No load, simulation
Figure 6-37. Open-Loop Gain and Phase
Frequency (MHz)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
0.01
0.1
1
10
D038
AV = 6, 5-V supply
AV = 10, 5-V supply
AV = 20, 5-V supply
AV = 6, 3-V supply
AV = 10, 3-V supply
AV = 20, 3-V supply
See Figure 8-1 and Table 8-1 (simulation)
Figure 6-38. Closed-Loop Output Impedance
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
1
10
5 V En
3 V En
5 V In
3 V In
Figure 6-39. Input Spot Noise Density
Time (sec)
0
1
2
3
4
5
6
7
8
9
10
-80
-60
-40
-20
0
20
40
60
80
100
5-V supply
3-V supply
Input referred
Figure 6-40. Low-Frequency Voltage Noise
Frequency (Hz)
40
50
60
70
80
90
100
110
120
1
10
100
1k
10k
100k
1M
10M
5-V PSRR
5-V PSRR
5-V CMRR
3-V PSRR
3-V PSRR
3-V CMRR
Simulated results
Figure 6-41. PSRR and CMRR
Frequency (MHz)
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
0.1
1
10
D042
5 V, 200 mVPP
5 V, 1 VPP
3 V, 200 mVPP
3 V, 1 VPP
Measured, AV = 6 V/V, 100-Ω load
Figure 6-42. Disabled Isolation Noninverting Input to Output
www.ti.com
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com