Electronic Components Datasheet Search
  English  ▼

X  

PM4388 Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM4388
Description  OCTAL T1 FRAMER
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4388 Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM4388 Datasheet HTML 35Page - PMC-Sierra, Inc PM4388 Datasheet HTML 36Page - PMC-Sierra, Inc PM4388 Datasheet HTML 37Page - PMC-Sierra, Inc PM4388 Datasheet HTML 38Page - PMC-Sierra, Inc PM4388 Datasheet HTML 39Page - PMC-Sierra, Inc PM4388 Datasheet HTML 40Page - PMC-Sierra, Inc PM4388 Datasheet HTML 41Page - PMC-Sierra, Inc PM4388 Datasheet HTML 42Page - PMC-Sierra, Inc PM4388 Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 284 page
background image
PM4388 TOCTL
DATA SHEET
PMC-960840
ISSUE 5
OCTAL T1 FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
23
9.7
Alarm Integrator (ALMI)
The Alarm Integration function is provided by the ALMI block. This block detects
the presence of Yellow, Red, and AIS Carrier Fail Alarms (CFA) in SF, or ESF
formats. The alarm detection and integration is compatible with the specifications
defined in ANSI T1.403 and TR-TSY-000191.
The ALMI block declares the presence of Yellow alarm when the Yellow pattern
has been received for 425 ms (± 50 ms); the Yellow alarm is removed when the
Yellow pattern has been absent for 425 ms (± 50 ms). The presence of Red
alarm is declared when an out-of-frame condition has been present for 2.55 sec
(± 40 ms); the Red alarm is removed when the out-of-frame condition has been
absent for 16.6 sec (± 500 ms). The presence of AIS alarm is declared when an
out-of-frame condition and all-ones in the PCM data stream have been present
for 1.5 sec (±100 ms); the AIS alarm is removed when the AIS condition has
been absent for 16.8 sec (±500 ms).
CFA alarm detection algorithms operate in the presence of a 10-3 bit error rate.
The ALMI also indicates the presence or absence of the Yellow, Red, and AIS
alarm signal conditions over 40 ms, 40 ms, and 60 ms intervals, respectively,
allowing an external microprocessor to integrate the alarm conditions via
software with any user-specific algorithms. Alarm indication is provided through
internal register bits.
9.8
Elastic Store (ELST)
The Elastic Store (ELST) synchronizes ingress frames to the common ingress
clock and frame pulse (CICLK, CIFP) in the Clock Slave ingress modes. The
frame data is buffered in a two frame circular data buffer. Input data is written to
the buffer using a write pointer and output data is read from the buffer using a
read pointer.
The elastic store can be bypassed to eliminate the 2 frame delay. In this
configuration (the Clock Master ingress modes), the elastic store is used to
synchronize the ingress frames to the transmit line clock (TLCLK[x]) so that per-
DS0 loopbacks may be enabled. Per-DS0 loopbacks are only available when the
elastic store is bypassed, or when CECLK and CICLK are tied together and
CEFP and CIFP are tied together, and the CICLKRISE and CECLKFALL register
bits are either both logic 1 or both logic 0. CICLKRISE and CECLKFALL are
found in registers 3 and 4 of each octant, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com