Electronic Components Datasheet Search
  English  ▼

X  

PM4388 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM4388
Description  OCTAL T1 FRAMER
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4388 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM4388 Datasheet HTML 45Page - PMC-Sierra, Inc PM4388 Datasheet HTML 46Page - PMC-Sierra, Inc PM4388 Datasheet HTML 47Page - PMC-Sierra, Inc PM4388 Datasheet HTML 48Page - PMC-Sierra, Inc PM4388 Datasheet HTML 49Page - PMC-Sierra, Inc PM4388 Datasheet HTML 50Page - PMC-Sierra, Inc PM4388 Datasheet HTML 51Page - PMC-Sierra, Inc PM4388 Datasheet HTML 52Page - PMC-Sierra, Inc PM4388 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 284 page
background image
PM4388 TOCTL
DATA SHEET
PMC-960840
ISSUE 5
OCTAL T1 FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
33
Figure 6
- DJAT Jitter Tolerance
100
10
1.0
0.1
110
100
1k
10k
Jitter Frequency, Hz
Jitter
Amplitude,
UIpp
0.01
100k
28
29
acceptable
unacceptable
0.2
4.9
0.3k
DJAT minimum
tolerance
The accuracy of the XCLK frequency and that of the reference clock used to
generate the jitter attenuated clock have an effect on the minimum jitter
tolerance. Given that the DJAT PLL reference clock accuracy can be ±200 Hz
from 1.544 MHz, and that the XCLK input accuracy can be ±100 ppm from
37.056 MHz, the minimum jitter tolerance for various differences between the
frequency of PLL reference clock and XCLK ÷ 24 are shown in Figure 7.
An XCLK input accuracy of ±100 ppm is only acceptable if an accurate line rate
reference is provided. If TJAT is left to free-run without a reference, or referenced
to a derivative of XCLK, then XCLK accuracy must be ±32 ppm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com