Electronic Components Datasheet Search
  English  ▼

X  

PM4388 Datasheet(PDF) 9 Page - PMC-Sierra, Inc

Part # PM4388
Description  OCTAL T1 FRAMER
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4388 Datasheet(HTML) 9 Page - PMC-Sierra, Inc

Back Button PM4388 Datasheet HTML 5Page - PMC-Sierra, Inc PM4388 Datasheet HTML 6Page - PMC-Sierra, Inc PM4388 Datasheet HTML 7Page - PMC-Sierra, Inc PM4388 Datasheet HTML 8Page - PMC-Sierra, Inc PM4388 Datasheet HTML 9Page - PMC-Sierra, Inc PM4388 Datasheet HTML 10Page - PMC-Sierra, Inc PM4388 Datasheet HTML 11Page - PMC-Sierra, Inc PM4388 Datasheet HTML 12Page - PMC-Sierra, Inc PM4388 Datasheet HTML 13Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 284 page
background image
PM4388 TOCTL
DATA SHEET
PMC-960840
ISSUE 5
OCTAL T1 FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
viii
REGISTERS 043H, 0C3H, 143H, 1C3H, 243H, 2C3H, 343H, 3C3H: SIGX
SIGNALING STATE CHANGE CHANNELS 1-8 (COSS=1) .................. 137
SIGX INTERNAL REGISTERS 20-37H: SIGNALING DATA ............................ 139
SIGX INTERNAL REGISTERS 40-57H: PER-DS0 CONFIGURATION DATA . 141
REGISTERS 044H, 0C4H, 144H, 1C4H, 244H, 2C4H, 344H, 3C4H: XBAS
CONFIGURATION ................................................................................ 142
REGISTERS 045H, 0C5H, 145H, 1C5H, 245H, 2C5H, 345H, 3C5H: XBAS
ALARM TRANSMIT .............................................................................. 144
REGISTERS 046H, 0C6H, 146H, 1C6H, 246H, 2C6H, 346H, 3C6H: XIBC
CONTROL ............................................................................................ 145
REGISTERS 047H, 0C7H, 147H, 1C7H, 247H, 2C7H, 347H, 3C7H: XIBC
LOOPBACK CODE............................................................................... 147
REGISTERS 049H, 0C9H, 149H, 1C9H, 249H, 2C9H, 349H, 3C9H: PMON
INTERRUPT ENABLE/STATUS ............................................................ 148
REGISTERS 04A-04FH, 0CA-0CFH, 14A-14FH, 1CA-1CFH, 24A-24FH, 2CA-
2CFH, 34A-34FH, 3CA-3CFH: LATCHING PERFORMANCE DATA ..... 149
REGISTERS 04AH, 0CAH, 14AH 1CAH, 24AH, 2CAH, 34AH, AND 3CAH:
PMON BEE COUNT (LSB)................................................................... 150
REGISTERS 04BH, 0CBH, 14BH 1CBH, 24BH, 2CBH, 34BH, AND 3CBH:
PMON BEE COUNT (MSB).................................................................. 151
REGISTERS 04CH, 0CCH, 14CH, 1CCH, 24CH, 2CCH, 34CH, 3CCH: PMON
FER COUNT (LSB)............................................................................... 152
REGISTERS 04DH, 0CDH, 14DH, 1CDH, 24DH, 2CDH, 34DH, 3CDH: PMON
FER COUNT (MSB).............................................................................. 153
REGISTERS 04EH, 0CEH, 14EH, 1CEH, 24EH, 2CEH, 34EH, 3CEH: PMON
OOF COUNT ........................................................................................ 154
REGISTERS 04FH, 0CFH, 14FH, 1CFH, 24FH, 2CFH, 34FH, 3CFH: PMON
COFA COUNT ...................................................................................... 155
REGISTERS 050H, 0D0H, 150H, 1D0H, 250H, 2D0H, 350H, 3D0H: RPSC
CONFIGURATION ................................................................................ 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com