Electronic Components Datasheet Search
  English  ▼

X  

PM4388 Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM4388
Description  OCTAL T1 FRAMER
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4388 Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM4388 Datasheet HTML 67Page - PMC-Sierra, Inc PM4388 Datasheet HTML 68Page - PMC-Sierra, Inc PM4388 Datasheet HTML 69Page - PMC-Sierra, Inc PM4388 Datasheet HTML 70Page - PMC-Sierra, Inc PM4388 Datasheet HTML 71Page - PMC-Sierra, Inc PM4388 Datasheet HTML 72Page - PMC-Sierra, Inc PM4388 Datasheet HTML 73Page - PMC-Sierra, Inc PM4388 Datasheet HTML 74Page - PMC-Sierra, Inc PM4388 Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 284 page
background image
PM4388 TOCTL
DATA SHEET
PMC-960840
ISSUE 5
OCTAL T1 FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
55
CECLK2M:
The CECLK2M bit selects the 2.048 MHz data rate and format of the egress
data. When CECLK2M is set to logic 1, the clock rate on the CECLK input is
expected to be 2.048 MHz and the data stream on ED[x] and ESIG[x] is
expected to be formatted as 1 byte of "filler" followed by 3 bytes of channel
data, repeated 8 times. The format is precisely laid out in the Functional
Timing Diagrams section. When CECLK2M is set to logic 0, the egress data
rate and format is identical to T1 (i.e. 1.544MHz rate with 24 contiguous
channel bytes followed by 1 framing bit). When CECLK2M is set to logic 1,
then the SYNC bit must be set to logic 0 in the TJAT Configuration register
(Registers 01BH, 09BH, 11BH, 19BH, 21BH, 29BH, 31BH, 39BH.) and the
HSBPSEL bit in the Timing Options Register (007H, 087H, 107H, 187H,
207H, 287H, 307H, 387H) must be set to logic 1. PLLREF[1:0] should not be
set to 01 in the Timing Options Register unless the TJAT divisors are
specifically set to divide the 2048 kHz clock down to the line rate. CECLK2M
MUST BE SET TO LOGIC 0 WHEN THE CLOCK MASTER MODES ARE
SELECTED.
CESFP:
The CESFP bit selects the type of egress frame alignment signal, CEFP.
When CESFP is set to logic 1, a pulse on CEFP indicates the LAST F-bit of
the 12 frame SF or the 24 frame ESF (depending on the framing format
selected in the XBAS ). When CESFP is set to logic 0, a pulse on CEFP
indicates each framing bit. CESFP should be set to logic 1 when the external
signaling mode is active to ensure that the egress superframe is aligned to
the transmit line superframe.
ESFP:
The ESFP bit selects the output signal seen on EFP[x]. When set to logic 1,
the EFP[x] output pulses high during the first framing bit of the 12 frame SF or
the 24 frame ESF. When ESFP is set to logic 0, the EFP[x] output pulses
high during each framing bit (i.e. every 193 bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com