Electronic Components Datasheet Search
  English  ▼

X  

PM4388 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM4388
Description  OCTAL T1 FRAMER
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4388 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM4388 Datasheet HTML 41Page - PMC-Sierra, Inc PM4388 Datasheet HTML 42Page - PMC-Sierra, Inc PM4388 Datasheet HTML 43Page - PMC-Sierra, Inc PM4388 Datasheet HTML 44Page - PMC-Sierra, Inc PM4388 Datasheet HTML 45Page - PMC-Sierra, Inc PM4388 Datasheet HTML 46Page - PMC-Sierra, Inc PM4388 Datasheet HTML 47Page - PMC-Sierra, Inc PM4388 Datasheet HTML 48Page - PMC-Sierra, Inc PM4388 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 284 page
background image
PM4388 TOCTL
DATA SHEET
PMC-960840
ISSUE 5
OCTAL T1 FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
29
9.14
Transmit Per-DS0 Serial Controller (TPSC)
The Transmit Per-DS0 Serial Controller allows data and signaling trunk
conditioning or idle code to be applied on the transmit DS-1 stream on a per-DS0
basis. It also allows per-DS0 control of zero code suppression, data inversion,
DS0 loopback (from the ingress stream), channel insertion, and the detection or
generation of pseudo-random or repetitive patterns.
The TPSC interfaces directly to the XBAS block and provides serial streams for
signaling control, idle code data and egress data control.
9.15
Signaling Aligner (SIGA)
When enabled, the Signaling Aligner is positioned in the egress path between
the egress interface and XBAS. Its purpose is to ensure that, if the signaling on
ESIG[x] is changed in the middle of a superframe, the XBAS completes
transmitting the A,B,C, and D bits for the current superframe before switching to
the new values. This permits signaling integrity to be preserved independent of
the superframe alignment of the XBAS or the signaling data source.
9.16
Inband Loopback Code Generator (XIBC)
The Inband Loopback Code Generator function is provided by the XIBC block.
This block generates a stream of inband loopback codes (IBC) to be inserted into
a T1 data stream. The IBC stream consists of continuous repetitions of a specific
code and can be either framed or unframed. When the XIBC is enabled to
generate framed IBC, the framing bit overwrites the inband code pattern. The
contents of the code and its length are programmable from 3 to 8 bits.
9.17
Bit Oriented Code Generator (XBOC)
The Bit Oriented Code Generator function is provided by the XBOC block. This
block transmits 63 of the possible 64 bit oriented codes in the Facility Data Link
channel in ESF framing format, as defined in ANSI T1.403-1989. The 64th code
(111111) is similar to the HDLC Flag sequence and is used in the XBOC to
disable transmission of any bit oriented codes.
Bit oriented codes are transmitted on the Facility Data Link channel as a 16-bit
sequence consisting of 8 ones, a zero, 6 code bits, and a trailing zero
(111111110xxxxxx0) which is repeated as long as the code is not 111111. The
transmitted bit oriented codes have priority over any data transmitted on the FDL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com