Electronic Components Datasheet Search
  English  ▼

X  

PM4388 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM4388
Description  OCTAL T1 FRAMER
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4388 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM4388 Datasheet HTML 57Page - PMC-Sierra, Inc PM4388 Datasheet HTML 58Page - PMC-Sierra, Inc PM4388 Datasheet HTML 59Page - PMC-Sierra, Inc PM4388 Datasheet HTML 60Page - PMC-Sierra, Inc PM4388 Datasheet HTML 61Page - PMC-Sierra, Inc PM4388 Datasheet HTML 62Page - PMC-Sierra, Inc PM4388 Datasheet HTML 63Page - PMC-Sierra, Inc PM4388 Datasheet HTML 64Page - PMC-Sierra, Inc PM4388 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 284 page
background image
PM4388 TOCTL
DATA SHEET
PMC-960840
ISSUE 5
OCTAL T1 FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
45
When AUTOUPDATE is logic 1, the microprocessor can still initiate additional
updates by writing to any of the PMON counter registers or to the
Revision/Chip ID/Global PMON Update register (register 00CH), but care
should be taken not to initiate a second update in a given PMON before the
first is completed, which can lead to unpredictable results.
Similarly, the XFERE bit in the PRGD Interrupt Enable/Status Register may
be set, allowing the PRGD to interrupt the microprocessor when a PRGD
update has been completed. PRGD and PMON perform updates in the same
number of clock cycles, so only one of the two interrupts need be enabled.
The OVR bit in the same register indicates that data has been overwritten
without being read. As is the case for the PMON, additional updates of the
PRGD may be initiated by the microprocessor via the Revision/Chip ID/Global
PMON Update register, and care must be taken to avoid initiating an update
while another update is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com