Electronic Components Datasheet Search
  English  ▼

X  

PM4388 Datasheet(PDF) 97 Page - PMC-Sierra, Inc

Part # PM4388
Description  OCTAL T1 FRAMER
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4388 Datasheet(HTML) 97 Page - PMC-Sierra, Inc

Back Button PM4388 Datasheet HTML 93Page - PMC-Sierra, Inc PM4388 Datasheet HTML 94Page - PMC-Sierra, Inc PM4388 Datasheet HTML 95Page - PMC-Sierra, Inc PM4388 Datasheet HTML 96Page - PMC-Sierra, Inc PM4388 Datasheet HTML 97Page - PMC-Sierra, Inc PM4388 Datasheet HTML 98Page - PMC-Sierra, Inc PM4388 Datasheet HTML 99Page - PMC-Sierra, Inc PM4388 Datasheet HTML 100Page - PMC-Sierra, Inc PM4388 Datasheet HTML 101Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 284 page
background image
PM4388 TOCTL
DATA SHEET
PMC-960840
ISSUE 5
OCTAL T1 FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
81
SYNC:
The SYNC bit enables the PLL to synchronize the phase delay between the
FIFO input and output data to the phase delay between reference clock input
and smooth output clock at the PLL. For example, if the PLL is operating so
that the smooth output clock lags the reference clock by 24 UI, then the
synchronization pulses that the PLL sends to the FIFO will force its output
data to lag its input data by 24 UI. When SYNC is set to logic 1, then the
RJAT divisors (N1 and N2) must be set so that N1+1 is a multiple of 48
decimal, and N2+1 is a multiple of 48 decimal.
LIMIT:
The LIMIT bit enables the PLL to limit the jitter attenuation by enabling the
FIFO to increase or decrease the frequency of the smooth output clock
whenever the FIFO is within one unit interval (UI) of overflowing or
underflowing. This limiting of jitter ensures that no data is lost during high
phase shift conditions. When LIMIT is set to logic 1, the PLL jitter attenuation
is limited. When LIMIT is set to logic 0, the PLL is allowed to operate normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com