Electronic Components Datasheet Search
  English  ▼

X  

PM7350 Datasheet(PDF) 3 Page - PMC-Sierra, Inc

Part # PM7350
Description  DUAL SERIAL LINK PHY MULTIPLEXER
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7350 Datasheet(HTML) 3 Page - PMC-Sierra, Inc

  PM7350 Datasheet HTML 1Page - PMC-Sierra, Inc PM7350 Datasheet HTML 2Page - PMC-Sierra, Inc PM7350 Datasheet HTML 3Page - PMC-Sierra, Inc PM7350 Datasheet HTML 4Page - PMC-Sierra, Inc PM7350 Datasheet HTML 5Page - PMC-Sierra, Inc PM7350 Datasheet HTML 6Page - PMC-Sierra, Inc PM7350 Datasheet HTML 7Page - PMC-Sierra, Inc PM7350 Datasheet HTML 8Page - PMC-Sierra, Inc PM7350 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 241 page
background image
RELEASED
PM7350 S/UNI-DUPLEX
DATA SHEET
PMC-1980581
ISSUE 5
DUAL SERIAL LINK PHY MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
i
CONTENTS
1
FEATURES .............................................................................................. 1
2
APPLICATIONS ....................................................................................... 3
3
REFERENCES......................................................................................... 4
4
APPLICATION EXAMPLES ..................................................................... 5
5
BLOCK DIAGRAM ..................................................................................11
6
DESCRIPTION ...................................................................................... 12
7
PIN DIAGRAM ....................................................................................... 14
8
PIN DESCRIPTION................................................................................ 15
9
FUNCTIONAL DESCRIPTION............................................................... 45
9.1
PARALLEL BUS INTERFACE ..................................................... 45
9.2
CLOCKED SERIAL DATA INTERFACE ...................................... 57
9.3
HIGH-SPEED SERIAL INTERFACE ........................................... 61
9.4
CELL BUFFERING AND FLOW CONTROL ............................... 71
9.5
TIMING REFERENCE INSERTION AND RECOVERY ............... 75
9.6
JTAG TEST ACCESS PORT....................................................... 76
9.7
MICROPROCESSOR INTERFACE ............................................ 76
9.8
INTERNAL REGISTERS ............................................................. 80
9.9
REGISTER MEMORY MAP ........................................................ 80
10
NORMAL MODE REGISTER DESCRIPTION ....................................... 84
11
TEST FEATURES DESCRIPTION ...................................................... 170
11.1 RAM BUILT-IN-SELF-TEST ...................................................... 173
11.2 JTAG TEST PORT .................................................................... 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com