Electronic Components Datasheet Search
  English  ▼

X  

PM7350 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM7350
Description  DUAL SERIAL LINK PHY MULTIPLEXER
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7350 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM7350 Datasheet HTML 41Page - PMC-Sierra, Inc PM7350 Datasheet HTML 42Page - PMC-Sierra, Inc PM7350 Datasheet HTML 43Page - PMC-Sierra, Inc PM7350 Datasheet HTML 44Page - PMC-Sierra, Inc PM7350 Datasheet HTML 45Page - PMC-Sierra, Inc PM7350 Datasheet HTML 46Page - PMC-Sierra, Inc PM7350 Datasheet HTML 47Page - PMC-Sierra, Inc PM7350 Datasheet HTML 48Page - PMC-Sierra, Inc PM7350 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 241 page
background image
RELEASED
PM7350 S/UNI-DUPLEX
DATA SHEET
PMC-1980581
ISSUE 5
DUAL SERIAL LINK PHY MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
33
Ball
Name
Type
Ball
No.
Function
High Speed LVDS Links
OPRTY
Output
J2
The output port parity (OPRTY) signal completes
the parity (programmable for odd or even parity) of
the ODAT[15:0] bus when OBUS8 is low and the
ODAT[7:0] bus when OBUS8 is high.
The OPRTY signal is updated on the rising edge of
OFCLK.
As a SCI-PHY/Utopia bus master (OMASTER = 1,
OANYPHY = 0) OPRTY is considered valid
coincident with OENB assertion.
As a bus slave (OMASTER = 0) the OPRTY bus is
considered valid only when the S/UNI-VORTEX
device was selected after the polling process and
the OENB signal is sampled low. As an SCI-
PHY/Utopia bus slave (OMASTER = 0, OANYPHY
= 0) OPRTY is driven immediately upon sampling
OENB low, but as an Any-PHY bus slave
(OMASTER = 0, OANYPHY = 1) it has an
additional cycle latency when OANYPHY is logic
high. When not presenting valid data, OPRTY is
high impedance.
As an Any-PHY bus slave autonomous deselection
occurs after the last word of a cell resulting in
setting OPRTY high-impedance until reselection.
This output is only active if the SCIANY input is a
logic high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com