Electronic Components Datasheet Search
  English  ▼

X  

PM7350 Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM7350
Description  DUAL SERIAL LINK PHY MULTIPLEXER
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7350 Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM7350 Datasheet HTML 67Page - PMC-Sierra, Inc PM7350 Datasheet HTML 68Page - PMC-Sierra, Inc PM7350 Datasheet HTML 69Page - PMC-Sierra, Inc PM7350 Datasheet HTML 70Page - PMC-Sierra, Inc PM7350 Datasheet HTML 71Page - PMC-Sierra, Inc PM7350 Datasheet HTML 72Page - PMC-Sierra, Inc PM7350 Datasheet HTML 73Page - PMC-Sierra, Inc PM7350 Datasheet HTML 74Page - PMC-Sierra, Inc PM7350 Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 241 page
background image
RELEASED
PM7350 S/UNI-DUPLEX
DATA SHEET
PMC-1980581
ISSUE 5
DUAL SERIAL LINK PHY MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
59
Fig. 8 Cell delineation State Diagram
HUNT
PRESYNC
SYNC
correct HCS
(bit by bit)
DELTA
consecutive
correct HCS's
(cell by cell)
Incorrect HCS
(cell by cell)
ALPHA
consecutive
incorrect HCS's
(cell by cell)
The values of ALPHA and DELTA determine the robustness of the delineation
method. ALPHA determines the robustness against false misalignments due to
bit errors. DELTA determines the robustness against false delineation in the
synchronization process. ALPHA is chosen to be 7 and DELTA is chosen to be
6.
The loss of cell delineation (LCD) alarm is declared after a programmable
threshold of incorrect cells occurs while in the HUNT state. The threshold is set
by the Receive Serial LCD Count Threshold register. The threshold has a default
value of 104 which translates to 73 ms at 600 kbs.All idle cells are filtered out
and not passed to the high-speed interface. They are identified as cells
containing all zeros VPI, and VCI fields and a one in the CLP bit. Optionally,
unassigned cells (like idle cells except CLP is a zero) may also be filtered.
All cells with an incorrect HCS octet are filtered out. Header correction is not
implemented.
As an option configured in Receive Serial Indirect Channel Configuration register
(0x69), the ATM Transmission Convergence functions can be disabled to provide
a clear channel capability. In this case, the serial data is segmented into 53 byte
packets independent of the contents, and then transported across the high-
speed LVDS links.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com