Electronic Components Datasheet Search
  English  ▼

X  

PM7350 Datasheet(PDF) 89 Page - PMC-Sierra, Inc

Part # PM7350
Description  DUAL SERIAL LINK PHY MULTIPLEXER
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7350 Datasheet(HTML) 89 Page - PMC-Sierra, Inc

Back Button PM7350 Datasheet HTML 85Page - PMC-Sierra, Inc PM7350 Datasheet HTML 86Page - PMC-Sierra, Inc PM7350 Datasheet HTML 87Page - PMC-Sierra, Inc PM7350 Datasheet HTML 88Page - PMC-Sierra, Inc PM7350 Datasheet HTML 89Page - PMC-Sierra, Inc PM7350 Datasheet HTML 90Page - PMC-Sierra, Inc PM7350 Datasheet HTML 91Page - PMC-Sierra, Inc PM7350 Datasheet HTML 92Page - PMC-Sierra, Inc PM7350 Datasheet HTML 93Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 241 page
background image
RELEASED
PM7350 S/UNI-DUPLEX
DATA SHEET
PMC-1980581
ISSUE 5
DUAL SERIAL LINK PHY MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
77
registers can be accessed through this port. Test mode registers are used to
enhance the testability of the S/UNI-DUPLEX.
The interface has a 8-bit wide data bus. Multiplexed address and data operation
is supported.
9.7.1 Inband Communication
A cell insertion and extraction capability provides a simple unacknowledged cell
relay capability. For a fully robust control channel implementation, it is assumed
the local microprocessor and the remote entity are running a reliable
communications protocol.
In the upstream direction, identical copies of each control channel cell are
broadcast on both the active and spare high-speed serial links. If the user wishes
to implement two independent control channels (active/inactive or link 1/link 2)
then the contents of the cell will have to indicate the cell’s destination link. In the
downstream direction, each high-speed serial link has a dedicated receive queue
for the control channel cells.
The control channel is treated as a virtual PHY device. In the upstream
direction, it is scheduled with the same priority as the other logical channels.
Flow control with the receiving device (either a S/UNI-VORTEX or a S/UNI-
DUPLEX) is based on the cell available bit (UPCA, see Table 16) of the high-
speed serial link marked as active. In the downstream direction, control channel
cells are queued in a four cell FIFO for each high-speed serial link. If either FIFO
contains two or more cells, the cell available bit returned upstream on the
corresponding high-speed link is deasserted to prevent cell loss when the
microprocessor cell reads fail to keep pace with the incoming control channel
cells.
9.7.2 Writing Cells
The S/UNI-DUPLEX contains a two cell buffer for the insertion of a cell by the
microprocessor into the high-speed serial interface. Optional CRC-32 calculation
over the last 48 bytes of the cell relieves the microprocessor of this task. The
CRC-32 generator polynomial is consistent with AAL5:
5. G(x) = x
32 + x26 + x23 + x22 + x16 + x12 + x11 + x10 + x8 + x7 + x5 + x4 + x2 + x
+ 1
All cells written by the microprocessor will have binary 111110 encoded in the
PHYID[5:0] field within the cell prepend bytes. This distinction between user
cells and control cells provides a clear channel for both types of cells.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com